Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF1003CASCE1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # VCF1003CASCE1
Description  Voltage-Controlled Optical Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCF1003CASCE1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  VCF1003CASCE1 Datasheet HTML 1Page - JDS Uniphase Corporation VCF1003CASCE1 Datasheet HTML 2Page - JDS Uniphase Corporation VCF1003CASCE1 Datasheet HTML 3Page - JDS Uniphase Corporation VCF1003CASCE1 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10139512 Rev. 003 02/06 VCF50100.DS.CC.AE
4
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: VCF100+3CANCE1.5
VCF SERIES
Code
Tuning Range
C
1525 to 1570 nm
L
1565 to 1610 nm
Code
Filter Option
050
50 GHz
100
100 GHz
VCF
Code
Connector
NCno connector
FP
FC/HPC1
FA
FC/APC1
SC
SC/HPC1
SU
SC/APC1
SP
ST/HPC1
Code
Pitail Length
1.0
1.0 meter
1.5
1.5 meters
1. Not available for 250 µm bare fiber option.
+3
A
Code
Pigtail Type
C
250 µm bare fiber
E
900 µm tight buffer
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com