Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS490D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS490D
Description  Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS490D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS490D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS490D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS490D
1 A, 40 V
Surface Mount Schottky Barrier Rectifiers
01-June-2003 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Dim
Min
Max
A
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.90 REF.
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
1
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS490D is low power rectification for switching power supply.
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current at 8.3 m Sec single half sine-wave
IFSM
3.0
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
30
pF
Maximum Average Forward Rectified Current
PD
225
mW
Maximum Average Forward Rectified Current
IO
1
A
Junction, Storage Temperature
TJ, TSTG
+125, -55 ~ +125
℃
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
V
IR = 100uA
Forward voltage
VF
-
0.53
V
IF = 1A
Reverse current
IR
-
100
uA
VR = 30V
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 10 V.
2. ESD sensitive product handling required.


Similar Part No. - SCS490D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS490D SECOS-SCS490D Datasheet
378Kb / 2P
Surface Mount Schottky Barrier Rectifier
SCS490D SECOS-SCS490D_09 Datasheet
378Kb / 2P
Surface Mount Schottky Barrier Rectifier
SCS490D SECOS-SCS490D_15 Datasheet
378Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SCS490D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com