Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWSWC19100J501 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # MWSWC19100J501
Description  Wavelength Selective Switch (WSS) 1x9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MWSWC19100J501 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  MWSWC19100J501 Datasheet HTML 1Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 2Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 3Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 4Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 5Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
WAVELENGTH SELECTIVE SWITCH ( WSS) 1X9
Specifications
Parameter
Condition
Minimum
Typical1
Maximum
Optical-WSS
Number of ports
-
10
-
(1 input, 9 outputs, bi-directional)
Wavelength spacing
-
100 GHz
-
Number of controllable channels
-
46
-
Spectral range
-
196.2 to 191.7 THz -
Maximum input power
Aggregate power
-
-
27 dBm
Single port
-
-
24 dBm
Single channel
-
-
12 dBm
Insertion loss (IL)
Including connectors
-
4.0 dB
6.5 dB
0.5 dB channel bandwidth (0.5 BW)
0 dB attenuation
50 GHz
-
-
Polarization dependent loss
Over ±20 GHz at 0 dB attenuation
-
0.2 dB
0.5 dB
Over ±20 GHz at 10 dB attenuation
-
0.3 dB
0.6 dB
Over ±20 GHz at 15 dB attenuation
-
0.6 dB
0.9 dB
Insertion loss ripple
Over ±15 GHz at 0 dB attenuation
-
0.1 dB
0.4 dB
Over ±15 GHz at 10 dB attenuation
-
0.3 dB
0.5 dB
Over ±15 GHz at 15 dB attenuation
-
0.4 dB
0.8 dB
Dynamic attenuation range
Relative to channel min IL
-
0 to 15 dB
-
Attenuation step size
0.3 dB
0.1 dB
-
Extinction ratio
Over ±20 GHz
35 dB
45 dB
-
Return loss
Not including connectors
-
40 dB
35 dB
Group delay ripple
Measured at 0 dB attenuation
-
1 ps
3 ps
PMD
Measured at 0 dB attenuation
-
0.6 ps
1 ps
Environmental and Operational
Operating case temperature
-5°C
-
70°C
Operating humidity
5% RH
-
85% RH
Storage temperature
-40°C
-
70°C
Storage humidity
5% RH
-
95% RH
Mechanical and Fiber Labeling
Module dimensions (W x D x H)
Entire module
220 x 140 x 32 mm
Fiber type
All ports
900 µm tight buffer SMF-28
Fiber length
1.0±0.1 m
Optical connector
All ports
LC/UPC connectors
Electrical interface
DPRAM and RS232
Connector labeling (see Fiber Output
Input fiber
Common
Scheme and Labeling on page 3)
Output fiber
Ports 1, 2, 3, 4, 5, 6, 7, 8, and 9
Electrical
Supply voltage A
3.3 V ±5%
0.35 A2
Supply voltage B
5.0 V ±5%
0.30 A
Supply voltage C
15 V ±5%
0.40 A
Note: Parameters are specified for End-of-Life (EOL), over passband, over all channels, over operating temperature, attenuation range, and all polarization states unless stated
otherwise. Typical data is provided for information only; manufacturing tests are done using EOL spec.
1. 90th percentile of population at Beginning-of-Life (BOL)
2. Suggested minimum 2.5 W for 3.3V power supply for current transient at startup



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com