Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS0540LP Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0540LP
Description  0.5 Amp Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0540LP Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0540LP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0540LP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SCS0540LP
VOLTAGE 40V
0.5 Amp Low VF Schottky Barrier Rectifiers
High Current Capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
.
...
.
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
UNITS
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
SCS0540LP
40
V
V
Working Peak Reverse Voltage
Maximum DC Blocking Voltag
40
V
Average Forward Current (I
@ T =90 C)
Reak Forward Current (I
@ 8.3ms half sine)
Maximum Instantaneous Forward Voltage
(V @I
= 0.5A , T = 25 C)
Maximum DC Reverse Current
At Rated DC Blocking Voltage (I @ T = 25 C)
Typical Junction Capacitance (C )
0.5
10
0.43
0.2
30
A
A
V
mA
pF
F(AV)
FSM
J
F
FM
A
J
R
J
Operating Temperature Range TJ
Storage Temperature Range TSTG
-50
+125
-65
+150
C
C
Higher Temp Soldering : 250 C for 10 Seconds At Terminals
Marking Code : BM
40
01-Jun-2002 Rev.
B
Page 1 of 2
~
~
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.15
------
0.045
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS0540LP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0540LP-C SECOS-SCS0540LP-C Datasheet
162Kb / 2P
Low VF Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP_15 Datasheet
383Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
More results

Similar Description - SCS0540LP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR002 TSC-SR002_1 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS0520LP SECOS-SCS0520LP Datasheet
159Kb / 2P
0.5 Amp Low Vf Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0520RP SECOS-SCS0520RP Datasheet
197Kb / 2P
0.5 Amp Low IR Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR3080RF SECOS-SBR3080RF Datasheet
257Kb / 2P
30.0 Amp Low VF Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP_15 Datasheet
383Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF3060LCT-60V-ITO-220AB DGNJDZ-SRF3060LCT-60V-ITO-220AB Datasheet
98Kb / 2P
30.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com