Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS751G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751G
Description  0.03 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS751G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS751G
VOLTAGE 40V
0.03 Amp Surface Mount Schottky Barrier Rectifiers
ELECTRICAL CHARACTERISTICS ( Ta=25
)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2
0
T a = 75 C
T a = 25 C
T a = -25 C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
o
o
o
o
puls e meas urement
1
10
100
1000m
Typ.
F OR W AR D V OLT AG E : V F
(V )
F ig. 1 F orward characteris tics
0
5
10
15
20
25
30
35
100n
10n
1n
T a = 125 C
T a = 75 C
T a = 25 C
T a = -25 C
o
o
o
o
puls e meas urement
Typ.
100
10
1
RE V E RS E V OLT AG E : V R
(V )
F ig. 2 R evers e characteris tics
0
2468
10
12
14
1
2
5
10
20
50
100
f = 1MHz
T a = 25 C
RE V E RS E V OLT AG E : V R (V )
F ig. 3 C apacitance between
terminals characteristics
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com