Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A01VC Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A01VC
Description  Complement to A Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A01VC Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  A01VC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A01VC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to A Switches
A Indicators
TYPICAL INDICATOR ORDERING EXAMPLE
DESCRIPTION FOR TYPICAL
ORDERING EXAMPLES
LED COLORS
C
Red
E
Yellow
F
Green
V
A
Red LED
High Profile Model
Straight PC Terminals
Low Profile Model
Green LED
Vertical PC Terminals
PC TERMINALS
F
PC TERMINALS
For 01 Model
P
Straight
B
Straight with Bracket
H
Right Angle
V
Vertical
For 02 Model
P
Straight
01
MODELS
01
Low .079” (2.0mm) Profile
02
High .291” (7.4mm) Profile
B
V
P
H
(6.0)
.236
(1.0)
.039
(5.08)
.200
CL
(5.08)
.200
(0.4) Sq Typ
.016
(6.0)
.236
(1.0)
.039
CL
(5.08)
.200
(5.08)
.200
(0.4) Sq Typ
.016
(10.16) Typ
.400
(0.7) Typ
.028
(0.3) Typ
.012
(2.54) Typ
.100
LED + Mark
(5.08)
.200
(5.08) Typ
.200
(0.7) Typ
.028
(0.4) Sq Typ
.016
(3.1)
.122
(5.08)
.200
(0.3) Typ
.012
(0.7) Typ
.028
(2.54)
.100
(5.08)
.200
(0.4) Sq Typ
.016
LED + Mark
Straight
Straight
with Bracket
Right Angle
Vertical
LED COLORS & SPECIFICATIONS
A01VF
A02PC
Indicator
Indicator
LED is colored in OFF state
Color
Red
Yellow
Green
Red
Yellow
Green
Forward Peak Current
I
FM
50mA
50mA
50mA
25mA
30mA
30mA
Continuous Forward Current
I
F
30mA
30mA
30mA
20mA
20mA
20mA
Forward Voltage
V
F
1.7V
2.2V
2.1V
2.1V
2.1V
2.2V
Reverse Peak Voltage
V
RM
4V
4V
4V
4V
4V
4V
Current Reduction Rate Above 25°C
∆I
F
0.67mA/°C 0.67mA/°C 0.67mA/°C 0.33mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–30°C ~ +85°C
–30°C ~ +85°C
Electrical specifications are determined at a basic temperatkure of 25°C.
If the source voltage is greater than the LED’s rated voltage, a ballast resistor must be connected in series with the LED.
The ballast resistor value can be calculated by using the formula shown in the Supplement section.
C
E
C
F
E
F
A01
A02
Models


Similar Part No. - A01VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A01VC ETC1-A01VC Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Similar Description - A01VC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G01PC NKK-G01PC Datasheet
54Kb / 1P
Complement to G Switches
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
Complement to UB Pushbuttons
logo
List of Unclassifed Man...
BD242CTU ETC2-BD242CTU Datasheet
33Kb / 3P
Complement to BD241/A/B/C respectively
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
Complement to Type 2SC5248
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
Complement to Type 2SD1352
BDT60 ISC-BDT60 Datasheet
199Kb / 2P
Complement to Type BDT61/A/B/C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com