Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103CWS
Description  0.35AMP Surf ace Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103CWS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD103CWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103CWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Baue lemente
SD103AWS THRU SD103CWS
VOLTAGE 20V ~ 40V
0.35 AMP Surf ace Moun t Schottky Barrier Rectifiers
SOD-323
FEATURES
. Low forward voltage drop
. Guard ring construction for
transient protection
. Negligible reverse recovery time
. Low reverse capacitance
MECHANICAL DATA
. Case: SOD-323, Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
Device Marking:
SD103AWS:S4
SD103BWS:S5
SD103CWS:S6
MAXIMUM RATINGS
Rating 25
。
am
C
bient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL SD103AWS
SD103BWS
SD103CWS
UNIT
Peak Repetitive Reverse Voltage
VRRM
40
30
20
Working Peak Reverse Voltage
VRWM
40
30
20
Maximum DC Blocking Voltage
VR
40
30
20
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ t ≤ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note1)
RθJA
625
℃
/ W
Operating Temperature Range
Tj
-65 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +125
℃
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com /
Any changing of specification will not be informed individual
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW Datasheet
63Kb / 2P
0.5A SURFACE ACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 7 - 2
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
SD103A SECOS-SD103A Datasheet
364Kb / 2P
0.35AMP Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW Datasheet
308Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
SMD103A SECOS-SMD103A Datasheet
1Mb / 2P
0.35AMP Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW_15 Datasheet
309Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS_15 Datasheet
371Kb / 2P
0.35AMP Surf ace Mount Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
1N4448WS CHENDA-1N4448WS Datasheet
454Kb / 4P
Surf ace mount fast switching Diode
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com