Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE1147-50 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SE1147-50
Description  Positive Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE1147-50 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SE1147-50 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE1147-50 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE1147-50 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC Supply Voltage
Power Dissipation
Storage Temperature Range
Operating Juction Temperature Range
Parameter
Symbol
Ratings
Unit
V
VIN
-0.3 to 12
0~+150
-65~+150
Absolute Maximum Ratings
PD
TST
TOP
C
o
C
o
Internally Limited
Pin Descriptions
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 3
Name
I/O
Pin#
Function
Vin
I
1
The input pin of regulator .Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response .This pin must always be 1.3V
higher than Vout in order for the device to regulate properly.
Gnd
I
2
Ground pin
Vout
O
3
The output of the regulator, A minimum of 10uF capacitor must be connected from
this pin to ground to insure stability.
Electrical Characteristics
Parameter
Conditions
Min.
Typ.
Max. Unit
Output Voltage
Vout
Io=10mA,Tj=25 ,6.5V Vin 12V
:
4.975 5.000 5.050
V
Line Regulation
REGLINE
Io=10mA,6.5V<Vin<12V,Tj=25 :
-
-
0.2
%
Load Regulation
REGLOAD
Vin=8V,0mA<Io<1A,TJ=25 (Note 1,2)
:
-
-
25
mV
Dropout Voltage
(VIN-VOUT)
VDROPOUT
Io=1A,( Vout=0.1% Vout)
-
1.3
1.4
V
Current Limit
Io
Vin-Vout=5V
1.1
-
-
A
Minimum Load Current
IQ
0
Tj 125
:
:
-
5
10
mA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008
0.04 %/W
F=120HZ,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%
JA Thermal Resistance
Junction–to-Ambient(No
heat sink ;No air flow)
-
85
-
/
: W
JC Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
0.65/2.7
-
/
: W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction Temperature by low duty cycle pulse testing .Load regulation is measured at the
output lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W.Power dissipation is
determined by the difference between input and output and the output current .Guaranteed maximum power
dissipation will not be available over the full input/output range.
Note 3: Quiescent current is defined as the minimum output current required in maintaining regulation .At 12V input/output
differential the device is guaranteed to regulate if the output current is greater than 10mA.
SE1147-50
1A Low Dropout
Positive Regulator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com