Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF103A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF103A
Description  1.0AMP High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF103A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF103A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF103A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SEF101A THRU SEF107A
VOLTAGE 50V ~ 1000V
1.0AMP High Efficiency Recovery Rectifiers
SEF101A SEF102A SEF103A SEF104A SEF105A SEF106A
UNITS
50
100
200
400
600
800
V
50
100
200
400
600
800
V
35
70
140
280
420
560
1.0
30
5.0
100
15
-65 +175
V
A
A
V
µA
µA
nS
pF
0.98
1.3
1.5
1.7
50
75
C
SEF107A
1000
1000
700
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
Operating and Storage Temperature Range
TJ, TSTG
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev.D
Page 1 of 2
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SEF103A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF103AM SECOS-SEF103AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SEF103A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CFR10XLB CYSTEKEC-CFR10XLB Datasheet
137Kb / 3P
1.0Amp. Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
1N4933 TAK_CHEONG-1N4933 Datasheet
103Kb / 2P
1.0AMP. Fast Recovery Rectifiers
FR101 TAK_CHEONG-FR101 Datasheet
103Kb / 2P
1.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SEF101B SECOS-SEF101B Datasheet
203Kb / 2P
1.0AMP High Efficiency Recovery Rectifiers
logo
Tiger Electronic Co.,Lt...
FR101 TGS-FR101 Datasheet
200Kb / 2P
1.0AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_13 Datasheet
426Kb / 4P
1.0AMP High Efficient Rectifiers High efficiency, Low VF
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1_16 Datasheet
178Kb / 1P
1.0AMP . FAST RECOVERY RECTIFIERS
1N4933 CHONGQING-1N4933_16 Datasheet
177Kb / 1P
1.0AMP . FAST RECOVERY RECTIFIERS
BA157 CHONGQING-BA157_16 Datasheet
177Kb / 1P
1.0AMP . FAST RECOVERY RECTIFIERS
FR101 CHONGQING-FR101_16 Datasheet
177Kb / 1P
1.0AMP . FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com