Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB315FP-R Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CB315FP-R
Description  6mm Process Sealed SMT Tactiles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CB315FP-R Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  CB315FP-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CB315FP-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CB315FP-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CB315FP-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm Process Sealed SMT Tactiles
Series CB3
Distinctive Characteristics
Sealed construction prevents contact contamination and allows automated
soldering and cleaning.
.244” (6.2mm) square body allows compact mounting.
Heat tolerant resin used for actuator and base
meets UL flammability rating of 94V-0 and
maintains switch reliability through vapor
phase and infrared convection reflow
soldering.
Dome contact gives crisp tactile feedback
to positively indicate circuit transfer and
assures high reliability and long life –
more than 100,000 operations.
Gull-winged terminals ensure mechanical stability
during soldering and simplify solder joint inspection.
Insert molded terminals lock out flux, solvents, and other contaminants.
Packaged in tape-reel or partitioned tray. Tape-reel packaging meets EIA-481-2
Standard.
Coplanarity: all considered surfaces must lie between two parallel planes that are
a maximum distance apart of .0059” (0.15mm). (Additional coplanarity details in
Terms and Acronyms in the Supplement section.)
Actual Size


Similar Part No. - CB315FP-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CB3100N-18-1SNB AMPHENOL-CB3100N-18-1SNB Datasheet
2Mb / 54P
Inhaltsverzeichnis
logo
Cooper Bussmann, Inc.
CB31420807 COOPER-CB31420807 Datasheet
938Kb / 23P
Single Row Terminal Blocks
More results

Similar Description - CB315FP-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
6mm Tactiles
HP0315AFKP2-S NKK-HP0315AFKP2-S Datasheet
140Kb / 4P
6mm SMT Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
Ultra-Thin Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
Illuminated Ultra-Thin Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com