Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK12LL Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SK12LL
Description  1.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK12LL Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SK12LL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK12LL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SK12LL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SK12LL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
SK12L ~ SK14SL
VOLTAGE 20V ~ 40V
Low VF Types
1.0AMP Surface Mount Schottky Barrier Rectifiers
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 9 (For SK14LL)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 10 (For SK14SL)
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
6 Rev. B
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com