Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1118 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SL1118
Description  Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SL1118 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SL1118 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SL1118 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SL1118 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SL1118 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SL1118
0.8A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max Unit
Reference Voltage
S
L1118ADJ
Io=10mA, TJ=25 : , (VIN-VOUT)=1.5V
1.225 1.250 1.275
V
S
L1118-1.5
Io=10mA, TJ=25 : , 3V VIN 12V
1.470 1.500 1.530
V
S
L1118-1.8
Io=10mA, TJ=25 : , 3.3V VIN 12V
1.764 1.800 1.836
V
S
L1118-2.5
Io=10mA, TJ=25 : , 4V VIN 12V
2.450 2.500 2.550
V
S
L1118-3.3
Io=10mA, TJ=25 : , 4.8V VIN 12V
3.235 3.300 3.365
V
Output Voltage
S
L1118-5.0
Io=10mA, TJ=25 : , 6.5V VIN 12V
4.900 5.000 5.100
V
Line Regulation
S
L1118-XXX
Io=10mA, VOUT+1.5V< VIN <12V, TJ=25 :
-
-
0.2
%
S
L1118ADJ
VIN=3.3V, Vadj=0, 0mA< Io <0.8A, TJ=25 :
(Note 1,2)
-
-
1
%
S
L1118-1.5
VIN=3V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
12
15
mV
S
L1118-1.8
VIN=3.3V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
15
18
mV
S
L1118-2.5
VIN=4V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
20
25
mV
S
L1118-3.3
VIN=5V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
26
33
mV
Load Regulation
S
L1118-5.0
VIN=8V, 0mA< Io <0.8A, TJ=25 : (Note 1,2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
S
L1118ADJ/1.5/
1.8/2.5/3.3/5.0
Io=0.8A,( VOUT =0.1% VOUT)
-
1.2
1.4
V
Current Limit
S
L1118ADJ/1.5/
1.8/2.5/3.3/5.0
VIN-VOUT=5V
0.9
-
-
A
Minimum Load Current SL1118-XXX
0 : TJ 125 :
-
5
10
mA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008 0.04 %/W
F=120HZ,COUT=25uF Tantalum, IOUT=0.8A
Ripple Rejection
S
L1118-XXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction–to-Ambient(No
heat sink ;No air flow)
-
117
-
/w
:
JC
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
15
-
/w
:
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the
output lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is
determined by the difference between input and output and the output current. Guaranteed maximum power
dissipation will not be available over the full input/output range.
Note 3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output
differential the device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com