Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2136 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SL2136
Description  Positive Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SL2136 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SL2136 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SL2136 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SL2136 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SL2136 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
(T)+1 to
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
6T132
1.3V
XXXX
Ordering Information(contd.)
SL2136-18
6T182
1.8V
XXXX
SL2136-15
6T152
1.5V
XXXX
SL2136-25
6T252
2.5V
XXXX
SL2136-27
6T272
2.7V
XXXX
SL2136-29
6T292
2.9V
XXXX
SL2136-28
6T282
2.8V
XXXX
SL2136-13
6T312
3.1V
XXXX
SL2136-34
6T342
3.4V
XXXX
SL2136-33
6T332
3.3V
XXXX
SL2136-35
6T352
3.5V
XXXX
SL2136-36
6T362
3.6V
XXXX
SL2136-38
6T382
3.8V
XXXX
SL2136-37
6T372
3.7V
XXXX
SL2136-31
SL2136-30
6T302
XXXX
3.0V
Characteristics Curve
SL2136
CMOS
Positive Voltage Regulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com