Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLM317L Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SLLM317L
Description  Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLLM317L Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SLLM317L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLLM317L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLLM317L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (VIN-VOUT=5V, 0 C TJ 125 C, IO=40mA, unless otherwise specified)
o
o
SLLM317L
100mA Adjustable
Voltage Regulator
Input-Output Voltage Difference
Junction Temperature
Power Dissipation
Storage Temperature Range
Operating Juction Temperature
Parameter
Symbol
Ratings
Unit
V
W
1
VIN-VOUT
TJ
40
+125
-40~+150
0~+70
Absolute Maximum Ratings at Ta=25 C
PD
TSTR
TOPR
C
o
C
o
o
C
o
Note: 1. Absolute max. ratings are those values beyond witch the device could be permanently demaged. Absolute max. ratings are stress
ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0 C~70 C operating temperature range and assured by design
from -20 C~85 C.
o
o
o
o
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 3
Max
Unit
TJ=25 :
-
0.01
0.04
%/V
Line Regulation
REGLINE
VIN -VOUT=3~40V
IO<20mA
0 :
TJ 125 :
-
0.02
0.07
%/V
TJ=25 :
-
5
25
IO=5~100mA
VOUT 5V
0 :
TJ 125 :
-
20
70
mV
TJ=25 :
-
0.1
0.5
Load Regulation
REGLOAD
IO=5~100mA
VOUT 5V
0 :
TJ 125 :
-
0.3
1.5
%/VOUT
Adjustable Pin Current
IADJ
-
50
100
A
Adjustable Pin Current Change
IADJ
VIN -VOUT=3~40V
IO=5~100mA, PD < 625mW
-
0.2
5
A
Reference Voltage
VREF
VIN -VOUT=3~40V
IO=5~100mA, PD < 625mW
1.2
1.25
1.3
V
Output Voltage Temperature Stability
VOUT/VOUT
-
0.7
-
%
Minimum Load Current
ILOAD(Min) VIN -VOUT=40V
-
3.5
5
mA
VIN -VOUT=3~13V
100
200
Maximum Output Current
IOUT(Max)
VIN -VOUT=40V
25
50
-
mA
Output Noise Voltage (% of VOUT)
eN
f=10Hz ~ 10KHz, TJ=25 :
-
0.003
-
%/VOUT
CADJ=0
-
65
-
Ripple Rejection
RR
TJ=25 : , f=120Hz
CADJ=10uF
66
80
-
dB
≤
≤
Characteristics Curve
Typ
Min
Test Conditions
Symbol
Parameter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com