Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2012ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # F2012ERW
Description  Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

F2012ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  F2012ERW Datasheet HTML 1Page - MicroPower Direct, LLC F2012ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 20W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Single & Dual Outputs
• Efficiency to 86%
• Compact 1.6 x 2 In. Case
• -40°C to +71°C Operation
• Industry Standard Pin-Out
• Lowest Cost!!
F2000ERW
Low Cost, Compact
20W, 2:1 Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
8.6
8.8
9.0
VDC
24 VDC Input
17.5
17.8
18.0
48 VDC Input
34.0
35.0
36.0
Input Filter
LC Filter
Short Circuit Input Power
3,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
%
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation
Iout = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
75
150
mV P - P
Output Power Protection
See Note 3
120
130
150
%
Transient Recovery Time (Note 4)
25% Load Step Change
200
300
µSec
Transient Response Deviation
±2.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
500
M
Isolation Capacitance
100 kHz, 1V
1,000
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
°C
Storage Temperature Range
-50
+105
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.0 x 1.6 x 0.41 Inches (50.8 x 40.6 x 10.5 mm)
Case Material
Metal With Non-Conductive Base (UL94-V0)
Weight
1.37 Oz (39g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
100
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
20.0
VDC
24 VDC Input
-0.7
40.0
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Internal Power Dissipation
All Models
5,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - F2012ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2012ERW MPD-F2012ERW Datasheet
217Kb / 2P
F2000ERW SERIES
More results

Similar Description - F2012ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B2000RUI MPD-B2000RUI Datasheet
226Kb / 2P
Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
ML300ERW MPD-ML300ERW Datasheet
897Kb / 4P
Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com