Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MAC97
Description  Silicon Bidirectional Triode Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MAC97 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MAC97 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MAC97 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 03/03/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MAC97…
Silicon Bidirectional Triode Thyristors
1.MT1
2.G 3. MT2
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (TJ = 25 OC unless otherwise noted.)
Parameter
Symbol
Value
Unit
Peak Repetitive Off-state Voltage(Gate Open, TJ = -40 to
110 OC)
1) 1/2 Sine Wave 50 to 60 Hz, Gate Open
MAC97-4, MAC97A4
MAC97-6, MAC97A6
MAC97-8, MAC97A8
VDRM
200
400
600
V
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz (TC = 50 OC)
IT(RMS)
0.8
A
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, Ta = 110 OC)
ITSM
8
A
Circuit Fusing Considerations TJ = -40 to 110 OC (t = 8.3 ms)
I
2t
0.26
A
2s
Peak Gate Voltage ( t ≤ 2 μs)
VGM
5
V
Peak Gate Power ( t ≤ 2 μs)
PGM
5
W
Average Gate Power (TC = 80 OC, t ≤ 8.3 ms)
PG(AV)
0.1
W
Peak Gate Current (t ≤ 2 μs)
IGM
1
A
Operating Junction Temperature Range
TJ
-40 to 110
O
C
Storage Temperature Range
TS
-40 to 150
O
C
Thermal Characteristics
Parameter
Symbol
Max.
Unit
Thermal Resistance, Junction to Case
RθJC
75
O
C/W
Thermal Resistance, Junction to Ambient
RθJA
200
O
C/W
MT2
G
MT1


Similar Part No. - MAC97

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Suntac Electronic Corp.
MAC97 SUNTAC-MAC97 Datasheet
1Mb / 6P
Sentive Gate Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC97 ONSEMI-MAC97 Datasheet
133Kb / 8P
Sensitive Gate Triacs
August, 2013 ??Rev. 10
MAC97 ONSEMI-MAC97 Datasheet
133Kb / 8P
Sensitive Gate Triacs
August, 2013 ??Rev. 10
logo
Digitron Semiconductors
MAC97 DIGITRON-MAC97 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC97

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC20A MOTOROLA-MAC20A Datasheet
386Kb / 3P
Silicon Bidirectional Triode Thyristors
2N6157 MOTOROLA-2N6157 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC223FP MOTOROLA-MAC223FP Datasheet
65Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
STN1A60 TGS-STN1A60 Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
MAC97A TGS-MAC97A Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
MAC228FP MOTOROLA-MAC228FP Datasheet
95Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC229AFP MOTOROLA-MAC229AFP Datasheet
94Kb / 4P
Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com