Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # G201
Description  Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G201 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  G201 Datasheet HTML 1Page - MicroPower Direct, LLC G201 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
Miniature DIP Package
1.0 kVDC Isolation
2W Output Power
Single & Dual Outputs
3.6 MH MTBF
Low Cost
Electrical Specifications
Specifications typical @ +25
1C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
48 VDC Input
43.2
48.0
52.8
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
!1.0
!3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
!0.1
!1.0
%
Line Regulation
For Vin Change of 1%
!1.2
!1.5
%
Load Regulation
See Model Selection Guide
Ripple & Noise (20 MHz)
100
150
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
200
mV P - P
Ripple & Noise (20 MHz)
5
mV rms
Output Power Protection
120
%
Temperature Coefficient
!0.01
!0.02
%/
1C
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
80
120
pF
Switching Frequency
50
80
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+70
1C
Storage Temperature Range
-40
+125
1C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size, 5V, 12V & 24V Input Models
0.80 x 0.40 x 0.27 Inches (20.32 x 10.16 x 6.85 mm)
Case Size, 48VDC Input Models
0.80 x 0.40 x 0.30 Inches (20.32 x 10.16 x 7.50 mm)
Case Material
Non-Conductive Black Plastic
Weight
0.09 Oz (2.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25
1C, Gnd Benign
3.6
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
48 VDC Input
-0.7
55.0
Internal Power Dissipation
All Models
650
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower
Direct
Compact MiniDIP, 2W
Single & Dual Output
DC/DC Converters
G200 Series
MicroPower Direct
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
WEB: www/micropowerdirect.com


Similar Part No. - G201

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G201 MULTICOMP-G201 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
1-Channel DC Motor Driver for Toy
logo
Heyco.
G2010 HEYCO-G2010 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
2-Channel DC Motor Driver for Toy
logo
Heyco.
G2011 HEYCO-G2011 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G201

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A200R MPD-A200R Datasheet
94Kb / 2P
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com