Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC590 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74HC590
Description  8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74HC590 Datasheet(HTML) 1 Page - Texas Instruments

  74HC590 Datasheet HTML 1Page - Texas Instruments 74HC590 Datasheet HTML 2Page - Texas Instruments 74HC590 Datasheet HTML 3Page - Texas Instruments 74HC590 Datasheet HTML 4Page - Texas Instruments 74HC590 Datasheet HTML 5Page - Texas Instruments 74HC590 Datasheet HTML 6Page - Texas Instruments 74HC590 Datasheet HTML 7Page - Texas Instruments 74HC590 Datasheet HTML 8Page - Texas Instruments 74HC590 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54HC590A, SN74HC590A
8BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D High-Current 3-State Parallel Register
Outputs Can Drive Up To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D 8-Bit Counter With Register
D Counter Has Direct Clear
SN54HC590A ...J OR W PACKAGE
SN74HC590A . . . D, DW, OR N PACKAGE
(TOP VIEW)
SN54HC590A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
OE
RCLK
CCKEN
CCLK
CCLR
RCO
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OE
RCLK
NC
CCKEN
CCLK
QD
QE
NC
QF
QG
description/ordering information
The ’HC590A devices contain an 8-bit binary counter that feeds an 8-bit storage register. The storage register
has parallel outputs. Separate clocks are provided for both the binary counter and storage register. The binary
counter features direct clear (CCLR) and count-enable (CCKEN) inputs. A ripple-carry output (RCO) is provided
for cascading. Expansion is accomplished easily for two stages by connecting RCO of the first stage to CCKEN
of the second stage. Cascading for larger count chains can be accomplished by connecting RCO of each stage
to the counter clock (CCLK) input of the following stage.
CCLK and the register clock (RCLK) inputs are positive-edge triggered. If both clocks are connected together,
the counter state always is one count ahead of the register. Internal circuitry prevents clocking from the clock
enable.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC590AN
SN74HC590AN
Tube of 40
SN74HC590AD
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC590ADR
HC590A
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC590ADT
HC590A
SOIC − DW
Tube of 40
SN74HC590ADW
HC590A
SOIC − DW
Reel of 2000
SN74HC590ADWR
HC590A
CDIP − J
Tube of 25
SNJ54HC590AJ
SNJ54HC590AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC590AW
SNJ54HC590AW
−55 C to 125 C
LCCC - FK
Tube of 55
SNJ54HC590AFK
SNJ54HC590AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 74HC590

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC590 TOSHIBA-74HC590 Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
74HC590 HITACHI-74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
NXP Semiconductors
74HC590BQ NXP-74HC590BQ Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
More results

Similar Description - 74HC590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
8 BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
Dual 16-Bit Binary Counters With 3-State Output Registers
SN54LS590 TI1-SN54LS590_16 Datasheet
894Kb / 16P
8-BIT BINARY COUNTERS WITH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com