Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201I Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G201I
Description  Compact MiniDIP, 2W High Isolation DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G201I Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G201I Datasheet HTML 1Page - MicroPower Direct, LLC G201I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
G201I
5
4.5 - 5.5
452
35
3.3
500.0
10.0
11
73
1,000
G202I
5
4.5 - 5.5
526
35
5.0
400.0
8.0
11
76
1,000
G203I
5
4.5 - 5.5
495
35
12.0
165.0
3.0
7
80
1,000
G204I
5
4.5 - 5.5
499
35
15.0
133.0
2.5
7
80
1,000
G205I
5
4.5 - 5.5
519
35
!5.0
!200.0
!4.0
10
77
1,000
G206I
5
4.5 - 5.5
504
35
!12.0
!83.0
!1.5
7
79
1,000
G207I
5
4.5 - 5.5
501
35
!15.0
!66.0
!1.0
7
79
1,000
G211I
12
10.8 - 13.2
185
25
3.3
500.0
10.0
8
74
500
G212I
12
10.8 - 13.2
212
25
5.0
400.0
8.0
8
78
500
G213I
12
10.8 - 13.2
200
25
12.0
165.0
3.0
5
82
500
G214I
12
10.8 - 13.2
200
25
15.0
133.0
2.5
5
83
500
G215I
12
10.8 - 13.2
222
25
!5.0
!200.0
!4.0
875
500
G216I
12
10.8 - 13.2
201
25
!12.0
!83.0
!1.5
582
500
G217I
12
10.8 - 13.2
200
25
!15.0
!66.0
!1.0
582
500
G221I
24
21.6 - 26.4
92
10
3.3
500.0
10.0
8
74
200
G222I
24
21.6 - 26.4
108
10
5.0
400.0
8.0
8
77
200
G223I
24
21.6 - 26.4
101
10
12.0
165.0
3.0
5
81
200
G224I
24
21.6 - 26.4
101
10
15.0
133.0
2.5
5
82
200
G225I
24
21.6 - 26.4
111
10
!5.0
!200.0
!4.0
875
200
G226I
24
21.6 - 26.4
102
10
!12.0
!83.0
!1.5
581
200
G227I
24
21.6 - 26.4
100
10
!15.0
!66.0
!1.0
582
200
G231I
48
43.2 - 54.8
28
6
3.3
500.0
10.0
8
74
100
G232I
48
43.2 - 54.8
27
6
5.0
400.0
8.0
8
77
100
G233I
48
43.2 - 54.8
26
6
12.0
165.0
3.0
5
81
100
G234I
48
43.2 - 54.8
25
6
15.0
133.0
2.5
5
82
100
G235I
48
43.2 - 54.8
28
6
!5.0
!200.0
!4.0
875
100
G236I
48
43.2 - 54.8
26
6
!12.0
!83.0
!1.5
581
100
G237I
48
43.2 - 54.8
25
6
!15.0
!66.0
!1.0
582
100
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Single
Dual
1
-Vin
-Vin
7NC
NC
8
+Vout
+Vout
9
No Pin
Common
10
-Vout
-Vout
14
+Vin
+Vin
NC = No Connection
Pin Connections
Single Output
µF Max
Dual Output
µF Max
470
!390
Capacitive Load
Model Selection Guide
Notes:
1. Dual output units may be connected to provide a 10V,
24V or 30 VDC output. To do this, connect the load
across the positive (+Vout) and negative (-Vout)
outputs and float the output common.
2. These units do not require external components to
operate, but the use of an input capacitor (10 µF) may
enhance performance in some applications. An output
capacitor (4.7 µF to 10 µF) may be used to reduce
ripple.
Derating Curve
Ambient Temperature 1C
85
-40
-20
0
5
15
25
35
45
55
65
75
95
105
0
20
40
60
80
100
0.80 (20.32)
10
9
1
14
0.10
(2.54)
0.60 (15.24)
0.10
(2.5)
0.01
(0.25)
0.01
(0.25)
0.40
(10.2)
0.12
(3.05)
0.05
(1.25)
Bottom
Side
7
8
Note: “T” = 0.27 (6.85) For 5, 12 & 24 VDC Input Models
0.30 (7.50) For 48 VDC Input Models
“T”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com