Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2113 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2113
Description  Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2113 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SM2113 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2113 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM2113 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM2113 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM2113 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SM2113-13
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SM2113-18
SM2113-20
SM2113-27
SM2113-29
SM2113-31
SM2113-34
SM2113-36
SM2113-38
3P132
1.3V
1.8V
2.0V
2.7V
2.9V
3.1V
3.4V
3.6V
3.8V
SM2113-15
SM2113-19
SM2113-25
SM2113-28
SM2113-30
SM2113-33
SM2113-35
SM2113-37
1.5V
1.9V
2.5V
2.8V
3.0V
3.3V
3.5V
3.7V
XXXX
3P182
XXXX
3P202
XXXX
3P272
XXXX
3P292
XXXX
3P312
XXXX
3P342
XXXX
3P362
XXXX
3P382
XXXX
3P152
XXXX
3P192
XXXX
3P252
XXXX
3P282
XXXX
3P302
XXXX
3P332
XXXX
3P352
XXXX
3P372
XXXX
Characteristics Curve
SM2113-50
5.0V
3P502
XXXX
Ordering Information(contd.)
SM2113
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com