Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3B15AB-R-YB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G3B15AB-R-YB
Description  Ultra-Miniature Process Sealed SMT Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G3B15AB-R-YB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  G3B15AB-R-YB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AB-R-YB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AB-R-YB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AB-R-YB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AB-R-YB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AB-R-YB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Process Sealed SMT Pushbuttons
Series G3B
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
COLORS
A
Black
B
White
C
Red
CIRCUITS
5
ON
(ON)
( ) = Momentary
PLUNGER
A .130” (3.3mm) Long
1
G3B
A
5
B
TERMINALS
P
Gull Wing for
Upright Mount
B
Gull Wing for
Upright with Bracket
H
Gull Wing for
Right Angle
PACKAGING
No
Code
Partitioned Tray for Upright &
Right Angle - Any Quantity
R
Tape-Reel for Right Angle Only
500 Pieces/Reel
S
Stick-Tube for Upright Mount
50 Pieces/Stick
Packaging details at end of G3B Series
SPDT
ON-(ON) Circuit
Gull Wing Terminals for
Upright with Bracket Mount
Packaged in Partitioned Tray
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
G3B15AB
.130” (3.3mm)
Long Plunger
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
G3B15
ON
(ON)
5-6
5-4
SPDT
DP
G3B25
ON
(ON)
5-6 2-3
5-4 2-1
DPDT
POLES & CIRCUITS
(COM)
6
4
5
1
2
3
5 (COM)
6
4
OPTIONAL CAPS
X
Slip-on Cap
.157” (4.0mm) Diameter
(For installation after
processing only)
Y
Process Compatible Cap
.157” (4.0mm) Diameter
(Combines with R or S
packaging only)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com