Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2SLB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2SLB
Description  Process Sealed Subminiature Antistatic Toggles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2SLB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2SLB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2SLB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Antistatic superstructure, consisting of the carbon impregnated
bushing and the support bracket, prevents static discharge
to the contacts. Static electricity from an operator’s touch
travels from actuator through the bushing and bracket to
the PC board.
Locking lever mechanism offered as a toggle option.
Optional threaded, 6mm diameter bushing for
panel seal mounting meets IP65 of IEC60529
specifications (similar to NEMA 4 and 13).
Totally sealed body construction prevents
contact contamination and allows time-
and money-saving soldering and cleaning.
Epoxy sealed terminals lock out flux and
other contaminants.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased contact
stability and unparalleled logic-level reliability. (Additional
STC details in Terms & Acronyms; see Supplement section.)
.100” x .100” (2.54mm x 2.54mm) terminal spacing
conforms to standard PC board grid spacing.
Illuminated toggles available and shown in the Illuminated
Other section.
Actual Size


Similar Part No. - B2SLB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B2SLB-GA OHMITE-B2SLB-GA Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B2SLB-GA NKK-B2SLB-GA Datasheet
250Kb / 8P
General Specifications
logo
Ohmite Mfg. Co.
B2SLB-GB OHMITE-B2SLB-GB Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B2SLB-GB NKK-B2SLB-GB Datasheet
250Kb / 8P
General Specifications
logo
Ohmite Mfg. Co.
B2SLB-GC OHMITE-B2SLB-GC Datasheet
258Kb / 8P
General Specifications
More results

Similar Description - B2SLB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
Process Sealed Subminiature Antistatic Pushbuttons
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
Process Sealed Miniature Toggles
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
Antistatic Process Sealed Keylocks
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
Antistatic Process Sealed Keylock Switches
logo
List of Unclassifed Man...
A18EP ETC2-A18EP Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
A22JB ETC2-A22JB Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
A18AV ETC2-A18AV Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com