Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS20 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BFS20
Description  NPN Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BFS20 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BFS20 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 11/11/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BFS20
NPN Silicon Epitaxial Planar Transistor
High frequency transistor for IF and VHF applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
4
V
Collector Current
IC
25
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 7 mA
hFE
40
-
140
-
Collector Cutoff Current
at VCB = 20 V
ICBO
-
-
100
nA
Emitter Cutoff Current
at VEB = 4 V
IEBO
-
-
100
µA
Base Emitter Voltage
at VCE = 10 V, IC = 7 mA
VBE
-
-
0.9
V
Transition Frequency
at VCE = 10 V, IC = 5 mA, f = 100 MHz
fT
275
450
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
COB
-
1
pF
SOT-23 Plastic Package


Similar Part No. - BFS20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS20 PHILIPS-BFS20 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 15
logo
Zetex Semiconductors
BFS20 ZETEX-BFS20 Datasheet
45Kb / 1P
NPN SILICON PLANAR VHF TRANSISTOR
logo
Siemens Semiconductor G...
BFS20 SIEMENS-BFS20 Datasheet
41Kb / 2P
NPN SILICON RF TRANSISTOR
logo
KEC(Korea Electronics)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
logo
Diotec Semiconductor
BFS20 DIOTEC-BFS20 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BFS20

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com