Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3B15AP-R-YC Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G3B15AP-R-YC
Description  Ultra-Miniature Process Sealed SMT Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G3B15AP-R-YC Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  G3B15AP-R-YC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Process Sealed SMT Pushbuttons
Series G3B
PACKAGING (CONTINUED)
Tape-Reel Packaging for Right Angle Mount
Each tape-reel of 550 pockets contains 500 switches.
Minimum Leader Length: 7.87” (200mm) Minimum Trailer Length: 1.97” (50mm)
Reel Dimensions
Tape Dimensions
Terminal #1
Part No.
Direction of Feed
(2.1) Dia Typ
.083
(1.5) Dia Typ
.059
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(78.49) Dia
3.090
(2.0)
.079
(24.4)
.961
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
(6.0)
.236
(0.4)
.016
(17.8)
.701
(8.6)
.339
(13.9)
.547
(1.5) R
.059
(2.0)
.079
Stick-Tube Packaging for Upright Mount
Each stick-tube contains 50 switches.
L = Length
G3B Upright (code P)
18.31” (465mm)
G3B Upright with Bracket (code B)
21.26” (540mm)
(9.8)
.386
(15.3)
.602
(7.7)
.303
L
Stick-Tube Dimensions
S
Stick-Tube
for Upright Mount
50 pieces per stick
Switches must be ordered in 50-piece increments when
stick-tube packaging is selected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com