Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I2004RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # I2004RW
Description  Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

I2004RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  I2004RW Datasheet HTML 1Page - MicroPower Direct, LLC I2004RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” on the top of the unit
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
I2001RW
12
9.0 - 18.0
1,961
90
3.3
4,500
450
4.6
85
2,000
4,000
I2002RW
12
9.0 - 18.0
1,873
90
5.0
4,000
400
6.2
89
2,000
4,000
I2003RW
12
9.0 - 18.0
1,873
50
12.0
1,660
166
15.5
88
470
4,000
I2004RW
12
9.0 - 18.0
1,873
50
15.0
1,330
133
18.6
88
330
4,000
I2011RW
24
18.0 - 36.0
986
45
3.3
4,500
450
4.6
86
2,000
2,000
I2012RW
24
18.0 - 36.0
936
45
5.0
4,000
400
6.2
89
2,000
2,000
I2013RW
24
18.0 - 36.0
936
25
12.0
1,660
166
15.5
89
470
2,000
I2014RW
24
18.0 - 36.0
936
25
15.0
1,330
133
18.6
89
330
2,000
I2021RW
48
36.0 - 75.0
496
28
3.3
4,500
450
4.6
84
2,000
1,000
I2022RW
48
36.0 - 75.0
473
28
5.0
4,000
400
6.2
88
2,000
1,000
I2023RW
48
36.0 - 75.0
473
15
12.0
1,660
166
15.5
88
470
1,000
I2024RW
48
36.0 - 75.0
473
15
15.0
1,330
133
18.6
88
330
1,000
Pin
Function
1+Vin
2-Vin
3
Control (Optional)
4
+Vout
5
No Pin
6
-Vout
Derating Curve
Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor
(approx 0.1 µF) be placed from the +Vout pin to the -Vout pin.
2. Unit recovers automatically from an over power condition once the fault is removed.
3. It is recommended that the units not be operated with a load under 10% of full
load. Operation at no-load will not damage the unit, but they may not meet all
specifications.
4. The On/Off Control input
(Pin 3) is referenced to -Vin
(Pin 1). If it is not used, the
control pin should be left
open.
5. It is recommended that a
fuse be used on the input of a power supply for protection. See the Model Selection
table above for the correct rating.
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Min
Max
On
5.0 VDC
15.0 VDC
Off
0.0 VDC
0.3 VDC
In. Current (on)
-1 mA
In. Current (off)
1 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com