Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G01VC Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G01VC
Description  Complement to G Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G01VC Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  G01VC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Complement to G Switches
G Indicators
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
TYPICAL INDICATOR ORDERING EXAMPLE
DESCRIPTION FOR TYPICAL
ORDERING EXAMPLE
G01PC
LED COLORS
C
Red
E
Yellow
F
Green
P
C
PC TERMINALS
P
Straight
V
Vertical
G01
Straight PC Terminals
Red LED
LED COLORS & SPECIFICATIONS
LED is colored in OFF state
Color
Red
Yellow
Green
Forward Peak Current
I
FM
30mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.0V
2.1V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C
0.40mA/°C
0.40mA/°C
Ambient Temperature Range
–25°C ~ +85°C
Electrical specifications are determined at a basic temperature of 25°C.
If the source voltage is greater than the LED’s rated voltage, a ballast resistor must be connected in series with the LED.
That ballast resistor value can be calculated by using the formula shown in the Supplement section.
E
F
C
G01VC
These indicators have anode and cathode terminals along with 2 support pins.
TYPICAL INDICATOR DIMENSIONS
Straight PC
Vertical PC
G01PC
(7.0)
.276
(1.27) Typ
.050
LED + Mark
(4.0) Dia
.157
(3.0) Dia
.118
(0.5) Sq Typ
.020
(1.6)
.063
(2.0)
.079
(7.0)
.276
(20.0) Min
.787
Slot
(4.5)
.177
(0.8) Dia Typ
.031
(2.54)
.100
Slot
(5.3)
.209
(2.54)
.100
(4.0) Dia
.157
(3.0) Dia
.118
(1.6)
.063
(2.0)
.079
(7.68)
.302
(5.08)
.200
(2.6)
.102
(0.4) Dia Typ
.016
(7.4)
.292
(15.5) Min
.610
LED + Mark
(0.4)
.016
(4.5)
.177
(0.5) Sq Typ
.020
(1.27) Typ
.050
(0.8) Dia Typ
.031
(2.54)
.100
(5.08)
.200


Similar Part No. - G01VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G01VC ETC1-G01VC Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

Similar Description - G01VC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A01PC NKK-A01PC Datasheet
95Kb / 2P
Complement to A Switches
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
Complement to UB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
Complement to Type 2SC5248
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
Complement to Type 2SD1352
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
Complement to Type 2SA1479
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com