Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP0315AFKP2-R Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HP0315AFKP2-R
Description  6mm SMT Tactiles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HP0315AFKP2-R Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  HP0315AFKP2-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm SMT Tactiles
Series HP03
PACKAGING
KEYBOARD MATRIX
Blue = PCB Trace, Black = Switch Circuit
Switches must be or-
dered in 1,000-piece
increments when
tape-reel packaging
is selected.
Packaging meets
EIA-481-2 Standard.
R
Tape-Reel
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
These single pole, single throw switches can be arranged
on a single-sided PC board matrix with strapped termi-
nals to achieve an X-Y type electrical interconnection.
Blue = PCB Trace, Black = Switch Circuit
Common Bus Matrix
X-Y Matrix
Switches must be
ordered in 100-
piece increments
when stick-tube
packaging is
selected.
S
Stick-Tube
Tape-Reel Dimensions
Each tape-reel of 1,100 pockets contains 1,000 switches.
Minimum Leader Length: 15.748” (400mm). Minimum Trailer Length: 6.299” (160mm).
(10.5) Typ
.413
(2.0) Typ
.079
Overall Dia (330.0)
13.0
(6.5) R
.256
(16.4)
.646
(80.0) Dia
3.150
(22.4) Max
.882
Stick-Tube Dimensions
Each stick-tube
contains 100 switches
(12.5)
.492
(10.5)
.413
(660.0)
25.984
(6.5)
.256
3
° Max
(0.4)
.016
(3.0)
.118
(4.6)
.181
(5.1)
.201
(16.0)
.630
(1.75)
.069
(7.5)
.295
(12.0) Typ
.472
(2.0) Typ
.079
(4.0) Typ
.157
(1.5) Dia Typ
.059
Direction of Feed
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com