Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP0315AFKP4-R Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HP0315AFKP4-R
Description  6mm SMT Tactiles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HP0315AFKP4-R Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  HP0315AFKP4-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP4-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP4-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP4-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm SMT Tactiles
Series HP03
Distinctive Characteristics
.244” (6.2mm) square body allows compact mounting.
Heat resistant resin body meets lead-free
solder processing requirements and UL
flammability rating of 94V-0.
Stick-tube and tape-reel packaging
allow rapid automated placement
of devices.
Gold plated contacts available for very
low voltage/current applications offer
advantages of little or no oxidization or
sulfurization and stable contact resistance.
Gull-winged terminals ensure mechanical stability during
soldering and simplified solder joint inspection.
Insert molded terminals lock out flux, solvents, and other contaminants
and allow automated soldering.
Tape-reel packaging meets EIA-481-2 Standard.
Coplanarity: all considered surfaces must lie between two parallel planes that are
a maximum distance apart of .0039” (0.10mm). (Additional coplanarity details in
Terms and Acronyms in the Supplement section.)
Actual Size


Similar Part No. - HP0315AFKP4-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HP03-15AFKP2 TAIYO-YUDEN-HP03-15AFKP2 Datasheet
610Kb / 8P
Wireless LAN and Bluetooth Module Evaluation Board
logo
List of Unclassifed Man...
HP03M ETC2-HP03M Datasheet
188Kb / 7P
HP03M
HP03S ETC2-HP03S Datasheet
200Kb / 7P
Low voltage, low power consumption
More results

Similar Description - HP0315AFKP4-R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
logo
Nihon Kaiheiki Industry...
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
6mm Process Sealed SMT Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
6mm Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
Low Profile Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
Ultra-Thin Process Sealed Tactiles
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
Illuminated Ultra-Thin Tactiles
logo
E-SWITCH
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
logo
LUMEX INC.
SML-LXIL2324SIC-TR LUMEX-SML-LXIL2324SIC-TR Datasheet
1Mb / 3P
6.8,5.8,29mm Narrow Beam 6mm SMT LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com