Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF200D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF200D
Description  Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF200D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF200D Datasheet HTML 1Page - MicroPower Direct, LLC LF200D Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. Load regulation is measured for an output change of 20% to
100%.
2. When measuring output ripple, it is recommended that an external
0.33 μF ceramic capacitor be placed from each output to common.
For noise sensitive applications, the use of 1.5 μF capacitors will
reduce the output ripple.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect the
stability of the converter. In applications where the converter output
loading is high and input power is supplied over long lines, it may
be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a
2.2 μF is recommended, for 12V input units, a 1.0 μF and for 24V
input units a 4.7 μF.
5. The outputs of these units may be connected to provide a 10 VDC,
24 VDC or 30 VDC output. To do this, connect the load across the
positive (+Vout) and negative (-Vout) ouputs and float the ouput
common.
6. It is recommended that a fuse be used on the input of a power
supply for protection. See the table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Pin Connections
Output
±5 VDC
±12 & ±15 VDC
μF Max
±10 μF
±4.7 μF
Capacitive Load
Board Layout
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF201D
5
4.5 - 5.5
519
60
±5.0
±200.0
±4.0
10
77
1,000
LF202D
5
4.5 - 5.5
504
60
±12.0
±83.0
±1.5
7
79
1,000
LF203D
5
4.5 - 5.5
501
60
±15.0
±66.0
±1.0
7
79
1,000
LF212D
12
10.8 - 13.2
202
30
±12.0
±83.0
±1.5
5
82
500
LF213D
12
10.8 - 13.2
201
30
±15.0
±66.0
±1.0
5
82
500
LF222D
24
21.6 - 26.4
102
15
±12.0
±83.0
±1.5
5
81
200
LF223D
24
21.6 - 26.4
100
15
±15.0
±66.0
±1.0
5
82
200
Pin
Description
Pin
Description
1
-Vin
6
No Pin
2
+Vin
7
+Vout
3
No Pin
8
No Pin
4
Common
9
No Pin
5
-Vout
10
NA
NA = Not for electrical connection
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com