Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF201ES Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF201ES
Description  Low Cost, 2W SMT Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF201ES Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF201ES Datasheet HTML 1Page - MicroPower Direct, LLC LF201ES Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF200ES
Low Cost, 2W SMT
Single Output
DC/DC Converters
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
Reverse Polarity Input Current
1.0
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation
For Iout = 10% to 100%
±8
±15
%
Output Ripple (20 MHz)
75
150
mV P - P
Output Noise (20 MHz)
150
250
mV P - P
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
70
pF
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.70 x 0.72 x 0.24 Inches (17.78 x 18.03 x 6.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.0
VDC
12 VDC Input
-0.7
15.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
• 2W Output Power
• Ultra-Miniature SMT Case
• 1,000 VDC Isolation
• -40ºC to +85ºC Operation
• Single Output
• Low 0.24” Profile
• >3.5 MHour MTBF
• Industry Standard Pin-Out
• LOWEST COST!
Series
www.micropowerdirect.com


Similar Part No. - LF201ES

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF201ES MPD-LF201ES Datasheet
306Kb / 2P
LF200ES SERIES
More results

Similar Description - LF201ES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S200R MINMAX-S200R Datasheet
233Kb / 6P
2W, Low Cost DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
Low Cost, 2W SMT Dual Output DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com