Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5000W Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LR5000W
Description  Ultra-Miniature, SMT 50W, Wide Input Range POL Switching Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LR5000W Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LR5000W Datasheet HTML 1Page - MicroPower Direct, LLC LR5000W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. An overtemperature protection circuit shuts down the converter if
the temperature at the output inductor exceeds 115°C. The unit will
restart automatically when the temperature at the output inductor
drops below 110°C.
2. For a 3.3V output, the input range is 4.0 to 5.5 VDC
3. No minimum load is required. Operation at no-load will not
damage these units.
4. These converters require no additional external components to
meet specifications. However, using external capacitors as shown
in the typical connection drawing at right may lower noise in some
applications.
5. Transient recovery is measured to within a 1% error band for a load
step change of 25% to 100%.
6. It is recommended that a fuse be used on the input of a power
supply for protection. Contact the factory for the correct rating.
Model
Number
Input
Output
Voltage (VDC)
Voltage
(VDC)
Current
(A, Max)
Nominal
Range
LR5003W-06
3.3
3.0 - 5.5
0.75 - 3.3
6.0
LR5003W-10
3.3
3.0 - 5.5
0.75 - 3.3
10.0
LR5003W-16
3.3
3.0 - 5.5
0.75 - 3.3
16.0
LR5012W-06
12
10.0 - 14.0
0.75 - 5.0
6.0
LR5012W-10
12
10.0 - 14.0
0.75 - 5.0
10.0
LR5012W-16
12
10.0 - 14.0
0.75 - 5.0
16.0
1. C1 and C2 are Electrolytic capacitors. C2 should have a low ESR.
C3 is a ceramic capacitor.
2. When not being used, the Remote Sense pin (pin 3) should be
connected to VOUT as close to the converter as possible.
3. The output voltage of the LR50xxW may be trimmed down by
connecting an external resistor between the Trim Pin (pin 4) and
Ground (pin 6). This resistor value (in kΩ) is given by:
LR5003W-xx
RTRIM =
21.07
- 5.11
(VO - 0.7525)
LR5012W-xx
RTRIM =
10.5
- 1.0
(VO - 0.7525)
RTrim values for typical output levels are:
Output Voltage
LR5003W-xx LR5012W-xx
0.75 VDC
Open
Open
1.00 VDC
80.021 kΩ
41.424 kΩ
1.20 VDC
41.973 kΩ
22.460 kΩ
1.50 VDC
23.077 kΩ
13.050 kΩ
1.80 VDC
15.004 kΩ
9.024 kΩ
2.00 VDC
11.779 kΩ
7.416 kΩ
2.50 VDC
6.947 kΩ
5.009 kΩ
3.30 VDC
3.160 kΩ
3.122 kΩ
5.00 VDC
---
1.472 kΩ
4. The Control input (pin 11) uses TTL compatible logic as follows:
Unit
Control Pin
ON
Open or VIN
OFF
Grnd or < 0.4V
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Mechanical Dimensions
Pin
Function
1Vin
2
Control
3
Sense
4
Trim
5
Vout
6
Gnd
Pin Connections
Derating Curve
Notes:
• All dimens
• Tolerance
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Typical Connection Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com