Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD12 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMD12
Description  300W TVS DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMD12 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMD12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMD12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0. 01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (us)
Non-Repetitive Peak Pulse Power vs. Pulse Time
SMD03 THRU SMD36
300W TVS DIODE
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
e
-t
td = IPP /2
Wave form
Paramete rs:
tr = 8 s
td = 20 s
Pulse Waveform
Applications Information
Device Connection Options
The SM series is designed to protect one
unidirectional data or l/O lines operating at 5 to
36 volts.Connection options are as follows:
•
Unidirectional:Data lines are connected to pin1
and Pin 3 is connected to ground.For best
results,this pin should be connected directly to a
ground plane on the board.The path lengh should
be kept as short as possible to minimize parasitic
inductance.
Circuit Board Layout Recommendations for suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD.The following
guidelines are recommended (Refer to application note
Sl99.01 for more detailed information):
•
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
•
Minimize the path length between the TVS and the
protected line.
•
Minimize all conductive loops including power and
ground loops.
•
The ESD transient return path toground should be
kept as short as possible.
•
Never run critical signals near board edges
•
Use ground planes whenever possib|e.
Number
1.4
4.0
mm
1.2
0.9
0.95
2.6
Suggested Solder Pad Layout
0.9
1.4
16-Oct.-2006 Rev. B
Page 2 of 2
16-Oct.-2008 Rev. D
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com