Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN2133 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SN2133
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SN2133 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SN2133 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SN2133 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SN2133 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SN2133 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SN2133 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SN2133
CMOS Positive
Voltage Regulator
SN2133-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SN2133-19
SN2133-25
SN2133-28
SN2133-29
SN2133-31
SN2133-34
SN2133-36
SN2133-38
3TAXX
3TCXX
3TEXX
3TGXX
3TJXX
3TLXX
3TPXX
3TTXX
3TYXX
1.5V
1.9V
2.5V
2.8V
2.9V
3.1V
3.4V
3.6V
3.8V
SN2133-18
SN2133-20
SN2133-27
SN2133-2H
SN2133-30
SN2133-33
SN2133-35
SN2133-37
3TBXX
3TDXX
3TFXX
3THXX
3TKXX
3TNXX
3TSXX
3TVXX
1.8V
2.0V
2.7V
2.85V
3.0V
3.3V
3.5V
3.7V
Ordering Information(contd.)
Characteristics Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com