Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPA320 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPA320
Description  Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA320 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPA320 Datasheet HTML 1Page - MicroPower Direct, LLC MPA320 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions: U-Chassis (U Suffix)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Output Voltage
Max. Output Current (Notes 7, 8)
Ripple &
Noise
Efficiency
(Note 7)
Factory
PreSet
Range
“U, E, F” Units
22 CFM
“U” Units
Convection
“C” Units
Convection
MPA320x-05z
5 VDC
2.0 - 5.5 VDC
45.00A
27.28A
25.00A
50 mV p-p
75%
MPA320x-09z
9 VDC
6.0 - 11.0 VDC
29.10A
16.37A
13.64A
1% p-p
80%
MPA320x-12z
12 VDC
12.0 - 13.5 VDC
26.66A
15.00A
14.16A
1% p-p
83%
MPA320x-15z
15 VDC
13.6 - 15.0 VDC
21.33A
12.00A
11.33A
1% p-p
83%
MPA320x-18z
18 VDC
16.0 - 20.0 VDC
17.77A
10.00A
9.44A
1% p-p
83%
MPA320x-24z
24 VDC
21.0 - 26.0 VDC
13.33A
7.50A
7.08A
1% p-p
83%
MPA320x-28z
28 VDC
27.0 - 34.0 VDC
11.42A
6.42A
6.07A
1% p-p
83%
MPA320x-36z
36 VDC
35.0 - 42.0 VDC
8.88A
5.00A
4.72A
1% p-p
83%
MPA320x-48z
48 VDC
43.0 - 50.0 VDC
6.66A
3.75A
3.54A
1% p-p
83%
MPA320x-54z
54 VDC
51.0 - 60.0 VDC
5.92A
3.33A
3.14A
1% p-p
83%
Notes:
1. Models are available with leakage current specified as low as 500 μA
(at 240 VAC) / 300 μA (at 120 VAC). Contact the factory for details.
2. Output regulation includes line & load.
3. Ripple & noise is measured from 10 Hz to 20 MHz. Measurement
connection to the unit is made with a 0.1 μF ceramic capacitor & a 22
μF electrolytic capacitor connected in parallel.
4. Transient recovery is measured to within a 1% error band for a load
step change of 50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table above) is covered in the safety agency certification. Stan-
dard models are factory set to the “Preset” voltage.This may be set to other levels within
the range without affecting the agency certification. Contact the factory for details.
7. Output current is given for the factory preset voltage.With the exception of the “05”
output model, the maximum continuous output power level is 320W (with 22 CFM),
180W (U-Chassis convection cooled) or 170W (“C” units convection cooled. For more
information, contact the factory.
8. Units will provide peak power of 700W for 500 μS. For units capable of longer durations,
contact the factory.
9. A 1% minimum load is required to maintain regulation and ripple specifications.
U-Chassis Cover (C Suffix)
Enclosure With End Fan (E Suffix)
Enclosure With Top Fan (F Suffix)
Input & Output Connector CN2:
Howder Terminal Block No. HB-95-7P or
Mating Molex Part No. 09-91-1600 (16 pin)
Output Pin Assignment:
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 5: V+
Pins 3 ~ 4: V-
Pins 6 ~ 10: V-
Pin 5: Grnd
Pin 12: Grnd
Pin 6: Neutral
Pin 14: Neutral
Pin 7: Line
Pin 16: Line
Logic Signal Connector CN1:
Mating JST XHP or equivalent (CHYAO
SHIUNN JS-21001-3) Mating Pins: JST
SXH-002T-P0.6 for AWG 30 to 26.
Fan driver connector (FAN2):
12 VDC / 400 mA is available to drive an
external fan. Mating connector is a JST
XHP-2 or Molex P/N 48-151-0210 ( 2 pins
0.98 pitch). Mating Pins: JST SXH-001T-
P0.62T or Molex 48150 .



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com