Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP20150 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP20150
Description  20.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP20150 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP20150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP20150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 10 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
20
0.08
10
V
V
A
A
V
mA
mA
pF
Typical Thermal Resistance R JC (Note 2)
5.0
-50
+150
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
SP20150
150
150
150
150
F
A
A
Maximum Instantaneous Forward Voltage (I = 10 Amps,T = 125 C)
F
550
0.80
0.93
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP20150
VOLTAGE 150V
20.0AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2005 Rev. B
Page 1 of 2
θ
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.2
0.7
0.2
2.54
0.2
1.3
0.2
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP20150

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP20150 JINGHENG-SP20150 Datasheet
511Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SP20150C PACELEADER-SP20150C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
SeCoS Halbleitertechnol...
SP20150R SECOS-SP20150R Datasheet
398Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP20150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP2060 SECOS-SP2060 Datasheet
452Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SR2020 SECOS-SR2020 Datasheet
270Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SR20200 SECOS-SR20200 Datasheet
184Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SBR2040F SECOS-SBR2040F_10 Datasheet
637Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_10 Datasheet
685Kb / 2P
20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR20H100CT LUGUANG-MBR20H100CT Datasheet
126Kb / 2P
20.0AMP. Schottky Barrier Rectifiers
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR20200R SECOS-SBR20200R_15 Datasheet
459Kb / 2P
20.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com