Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB15LPF-F Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15LPF-F
Description  Low Profile Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15LPF-F Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15LPF-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPF-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPF-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPF-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPF-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPF-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
OPERATING FORCE
H
No
Code
Standard
Nominal Operating Force
1.76N
Available with short actuator only (code L)
High
Nominal Operating Force
2.65N
Available with both short and extended actuators
ACTUATORS
L
Short Actuator
B
Extended Actuator
Custom keyboards can be designed with caps installed
through a panel cutout (illustration with cap AT4060).
Custom keyboards can be designed with caps installed
through a panel cutout (illustration with cap AT4076).
(12.7) Typ
.500
(12.7)
.500
(8.4)
.331
(14.7)
.579
(3.1)
.122
High operating force only
(3.0)
.118
(3.1)
.122
(11.2)
.441
(4.9)
.193
(12.7)
.500
(12.7) Typ
.500
(3.3)
.130
(3.2)
.126
TERMINALS
Further details in Typical Switch Dimensions
P
Straight PC Terminals
(0.8) Typ
.031
(0.3) Typ
.012
(3.1) Typ
.122
(5.08)
.200
CL
(10.16)
.400
(1.0) Dia Typ
.039
(5.08)
.200
(5.08) Typ
.200
(2.54) Typ
.100
3
1
+
2
4
LED COLORS & SPECIFICATIONS
LEDs are supplied as an integral part of
illuminated devices and are not available
separately.
LED polarity markings are on the bottom
of the switch.
The electrical specifications shown here are
determined at a basic temperature of 25°C.
If the source voltage exceeds the rated volt-
age, a ballast resistor is required.
The resistor value can be calculated by using
the formula in the Supplement section.
Color
Red
Yellow
Green
Forward Peak Current
I
FM
25mA
25mA
25mA
Continuous Forward Current I
F
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.2V
2.1V
Reverse Peak Voltage
V
RM
4V
4V
4V
Current Reduction Rate
Above 25°C
∆I
F
0.42mA/°C
Ambient Temperature Range
–25°C ~ +70°C
E
F
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com