Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW4558D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW4558D
Description  Dual Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW4558D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPW4558D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW4558D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW4558D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW4558D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SPW4558D
Dual Operational
Amplifier
* No Latch-Up
* Large Common Mode And Differential Voltage Range
* Gain And Phase Match Between Amplifiers
* Internally Frequency Compensated
* No Frequency Compensated Required
* Parameter Tracking Over Temperature Range
* Low Noise Input Transistors
Features
The SPW4558D is a monolithic integrated circuit designed for dual
operational amplifier.
Description
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
rogrammed by
pacitor CT to ground .Operation 500kHz
nts up to
This is the reference output .It provides charging current for capacitor CT
Pin Configurations
Block Diagram


Similar Part No. - SPW4558D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPW47N60C2 INFINEON-SPW47N60C2 Datasheet
121Kb / 11P
Cool MOS??Power Transistor
2002-10-07
SPW47N60C3 INFINEON-SPW47N60C3 Datasheet
243Kb / 13P
Cool MOS Power Transistor
2003-11-06
SPW47N60C3 INFINEON-SPW47N60C3 Datasheet
834Kb / 14P
Cool MOS Power Transistor
2008-02-11 revision:2.6
logo
Inchange Semiconductor ...
SPW47N60C3 ISC-SPW47N60C3 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPW47N60C3 INFINEON-SPW47N60C3_08 Datasheet
834Kb / 14P
Cool MOS Power Transistor
2008-02-11 revision:2.6
More results

Similar Description - SPW4558D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com