Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW31002D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW31002D
Description  Bipolar Tone Ringer ICS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW31002D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPW31002D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW31002D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW31002D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.SeCoSGmbH.com/
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 3
(UVLO)
Absolute Maximum Ratings at Ta = 25 ::::
Characteristics
Symbol
Rating
Unit
Operating temperature
Topr
-40 ~ 85
:
Storage Temperature range
Tstg
-55 ~ 150
:
Supply Voltage
Vcc
30
V
Power Dissipation
Pd
500
mW
Electrical Characteristics (0 : TA 70 : ,Vcc=5V unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Unit
Operating Voltage
Vopr
-
-
30
V
Initiation Supply Voltage
Vsi
(Note 1)
17
19
21
V
Sustaining Supply Voltage
Vsus
(Note 2)
10.5
12
-
V
Initiation Current Consumption
Isi
No load
1.4
3.3
4.2
mA
Sustaining Current Consumption
Isus
0.4
1.4
2.0
mA
Oscillator Frequency
fL
C1=0.47uF, R1=165k
9
10
11
fH1
461
512
563
fH2
C1=6800pF, R2=191k
576
640
703
Hz
“H” Level
VOH
Vce = 24V, IOH=-10mA
Pin7=Gnd
20
21.5
22.5
V
Output Voltage
“L” Level
VOL
Vce = 24V, IOH=-10mA
Pin7=7V
0.7
1.0
2.0
V
Note 1 Initiation Supply Voltage (Vsi) is a supply voltage required to start oscillation of the tone ringer.
Note 2 : Sustaining Supply Voltage (Vsus) is a supply voltage required to maintain oscillation of the tone ringer.
Note 3 : Oscillation frequency is determined by the following equations (1),(2) and (3):
(1) fL=1/1.234, R1, C1 (Hz) (2) fH1=1/1.515, R2, C2 (Hz) (3) fH2=1.24 fH1 (Hz)
Method Of Using Rsl
In the GP31002, using the RSL terminal can change the initiation supply current (Isi). The resistor RSL is connected to Gnd from Pin 2
as show in Fig. 3.
Further, the initiation supply current (Isi) can be changing the value of RSL. Fig. 4 shows the graph of Vs-Is characteristic at the time
when RSL has been changed to three values. The Vs-Is characteristic at the time when RSL=6.8 k coincides with that at the time when
Pin2 of the GP31002 has been used at an open state. If Pin 7 is connected to Gnd as shown in Fig. 5, the GP31002 can stop oscillation.
(the “L” level voltage is under 2V)
SPW31002D
Bipolar Tone
Ringer ICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com