Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW34119D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW34119D
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW34119D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPW34119D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
http://www.SeCoSGmbH.com/
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 9
Maximum R atings
R ating
Value
Unit
Supply Voltage
-1.0 to +18
Vdc
Maximum Output Current at VO1, VO2
±250
mA
Maximum Voltage @ Vin, FC1, FC2, CD
Applied Output Voltage to VO1, VO2 when disabled
-1.0, VCC+1.0
-1.0, VCC+1.0
Vdc
Junction Temperature
-55, +140
:
Note: ESD data available upon request.
Recommended Operating Conditions
Characteristics
Symbol
Min
Max
Unit
Supply Voltage
Voltage @ CD (Pin 1)
VCC
VCD
+2.0
0
+16
VCC
Vdc
Load Impedance
RL
8.0
-
Peak Load Current
IL
-
±200
mA
Differential Gain (5.0kHz Bandwidth)
AVD
0
46
dB
Ambient Temperature
TA
-20
+70
:
Pin Function Description
Symbol
Pin
Description
CD
1
Chip Disable-Digital input. A Logic “0” (<0.8V) sets normal operation. A Logic “1” ( 2V) sets the
power down mode. Input impedance is nominally 90k .
FC2
2
A capacitor at this pin increases power supply rejection, and affects turn-on time. This pin can be left
open if the capacitor at FC1 is sufficient.
FC1
3
Analog ground for the amplifiers. A 1.0uF capacitor at
this pin (with a 5.0uF capacitor at Pin 2)
provides (typically) 52dB of power supply rejection. Turn-
on time of the circuit is affected by the
capacitor on this pin. This pin can be used as an alternate input.
Vin
4
Amplifier input. This input capacitor a
nd resistor set low frequency rolloff and input impedance. The
feedback resistor is connected to this pin and VO1.
VO1
5
Amplifier Output #1. The dc level is (VCC – 0.7)/2.
VCC
6
DC supply voltage (+2V to +16V) is applied to this pin.
GND
7
Ground pin for the entire circuit.
VO2
8
Amplifier Output #2. This signal is equal in amplitude, but 180°out-of-phase with that at VO1.
The dc level is (VCC – 0.7)/2.
Typical Temperature Performance (-20 : < TA < +70 : )
Function
Typical Change
Units
Input Bias Current (@ Vin)
±40
pA/ :
Total Harmonic Distortion(VCC=6V, RL=32 Pout=125mW, f=1kHz)
+0.003
%/ :
Power Supply Current
(VCC=3V, RL= , CD=0V)
(VCC=3V, RL= , CD=2V)
-0.25
-0.03
uA/ :
SPW34119D
Low Power Audio
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com