Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWLM386D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPWLM386D
Description  Low Voltage Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPWLM386D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPWLM386D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http:/
01-Jun-2002 Rev. A
Page 2 of 6
Abs olute Maximum R atings (Note 2)
P arameter
S ymbol
Value
Unit
/www.SeCoSGmbH.com/
Elektronische Bauelemente
Any changing of specification will not be informed individual
this pin (with a 5.0uF capacitor at Pin 2)
on time of the circuit is affected by the
nd resistor set low frequency rolloff and input impedance. The
Supply Voltage
VCC
15
V
Power Dissipation
Pd
1.25
W
Input Voltage
Vi
-0.4 ~ +0.4
V
Operating Temperature
Topr
0 ~ 70
:
Storage Temperature
Tstg
-65 ~ 150
:
Junction Temperature
Tj
150
:
Electrical Characteristics (TA=25 : Note1, 2)
Parameter
Symbol
Test Conditions
Min
Typ.
Max.
Unit
Operating Supply Voltage
VS
4
-
12
V
Quiescent Current
IQ
VS=6V, VIN=0
-
4
8
mA
Output Power
PO
VS=6V, RL=8 , THD=10%
VS=9V, RL=8 , THD=10%
230
480
-
-
-
-
mW
Voltage Gain
GV
VS=6V, f=1kHz
10 F form Pin1 to Pin8
-
26
46
-
dB
Bandwidth
BW
VS=6V, Pin1 to Pin8 open
-
300
-
kHz
Total Harmonic Distortion
THD
PO=125mW, VS=6V, f=1kHz
RL=8 , Pin1 to Pin8 open
-
0.2
-
%
Power Supply Rejection
Ration
PSRR V
S
=6V
, f=1kHz, CBYPASS=10 F Pin1
and Pin8 open
, Referred to output
-
50
-
dB
Input Resistance
RIN
-
50
-
k
Input Bias Current
IBIAS
VS=6V, Pin2 to Pin3 open
-
250
-
nA
Note1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions
for which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC
electrical specifications under particular test conditions which guarantee specific performance limits. This assumes that the device
is within the Operating Ratings.
Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good indication of device
performance.
Note3: For operation in ambient temperatures above 25 : , the device must be derated based on a 150 : maximum junction temperature
and 1) a thermal resistance of 107 : /W, junction to ambient for the dual-in-line package and 2)a thermal resistance of 170 : /W for
the small outline package.
Application Hints
Gina Control
To make the
SPWLM386D a more versatile amplifier, two pins (1 and 8) are provided for gain control. With pins 1 and 8 open the 1.35K
resistor sets the gain at 20 (26dB),If a capacitor is put from pin 1 to 8,bypassing the 1.35k resistor, the gain will go up to 200 (46dB). If a
resistor is placed in series with the capacitor the gain can be set to any value from 20 to 200.Gain control can also be done by capacitively
coupling a resistor (or FET) prom pin 1 to ground.
Additional external components can be placed in parallel with the internal feedback resistors to tailor the gain and frequency response for
individual applications. For example we can compensate poor speaker bass response by frequency shaping the feedback path. This is
done with a series RC from pin 1 to 5 (paralleling the internal 15k resistor). For 6 dB effective bass boost: R=15k , the lowest value for
good stable operation in R=10k , if pin 8 is open, If pins 1 and 8 are bypassed then R as low as 2k can be used. This restriction is
because the amplifier is only compensated for closed-loop gains greater than 9.
Input Biasing
The schematic show that both input are biased to ground with a 50k resistor. The base current of the input transistors is about 250nA, so
the inputs are at about 12.5mW when left open. If the dc source resistance driving the
SPWLM386D is higher than 250k it will contribute
very little additional offset (about 2.5mW at the input, 50mW at the output). If the dc source resistance is less than 10k, then shorting the
unused input to ground will keep the offset low (about 2.5mW at the input, 50mW at the output). For dc source resistance between these
values we can eliminate excess offset by putting a resistor from the unused input to ground, equal in value to the dc source resistance. Of
course all offset problems are eliminated if the input is capacitively coupled.
When using the
SPWLM386D with higher gains (bypassing the 1.35k resistor between pin1 and 8) it is necessary to bypass the unused
input, preventing degradation of gain and possible instabilities. This is done with a 0.1 F capacitor or a short to ground depending on the
dc source resistance on the driven input.
SPWLM386D
Low Voltage Audio Power
Amplifier



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com