Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWLM393D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPWLM393D
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPWLM393D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPWLM393D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPWLM393D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPWLM393D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPWLM393D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 4
(UVLO)
Range
Absolute Maximum Ratings at Ta = 25 ::
::
Parameter
Symbol
VALUE
Unit
Supply Voltage
Vcc
D18 or 36
V
Differential Input Voltage
VIDiff
36
V
Input voltage
VI
-0.3~36
V
Power Dissipation
PD
570
mW
Operating Temperature
Topr
0~+70
:
Storage Temperature
Tstg
-65 to 150
:
Electrical Characteristics(Vcc=5V,Ta=25 : ,RT=10k,All voltage referenced to GND unless otherwise specified)
Parameter
SYMBOL
Test Conditions
MIN
Typ.
Max.
Unit
Input Offset Voltage
VIO
VCM=0 TO Vcc –1.5
Vo(p) = 1.4V ,Rs=0
D1.0
D5.0
mV
Input Offset Current
lIO
D5
D50
nA
Input Bias Current
lb
65
250
nA
Input Common-Mode Voltage Range VI(R)
0
Vcc-1.5
V
Icc
0.6
1.0
mA
Supply Current
RL=
RL= ,Vcc=30V
0.8
2.5
mA
Large Signal Voltage Gain
Gv
Vcc=15V,RL>15K Ł
50
200
V/mV
Large Signal Response Time
tres
Vi=TTL logic wing
Vref=1.4V,VRL=5V,RL=5.1 K Ł
350
ns
Response Time
tres
VRL=5V,RL=5.1K Ł
1400
ns
Output Sink Current
lsink
Vi(-)>1V,Vi(+)=0V,Vo(p)<1.5V
6
18
mA
Output Saturation Voltage
Vsat
Vi(-)>1V,Vi(+)=0V,lsink=4mA
160
400
mV
VI(+)=1V,VI(-)=0
Vo(p)=5V
0.1
nA
Output Leakage Current
lleakage
Vo(p)=30V
1.0
uA
SPWLM393D
Comparator
Dual Differential



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com