Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ2113 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2113
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2113 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SQ2113 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2113 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2113 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2113 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2113 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SQ2113
CMOS Positive
Voltage Regulator
SQ2113-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SQ2113-19
SQ2113-25
SQ2113-28
SQ2113-29
SQ2113-31
SQ2113-34
SQ2113-36
SQ2113-38
3A152
1.5V
1.9V
2.5V
2.8V
2.9V
3.1V
3.4V
3.6V
3.8V
SQ2113-18
SQ2113-20
SQ2113-27
SQ2113-2H
SQ2113-30
SQ2113-33
SQ2113-35
SQ2113-37
1.8V
2.0V
2.7V
2.85V
3.0V
3.3V
3.5V
3.7V
XXXX
3A192
XXXX
3A252
XXXX
3A282
XXXX
3A292
XXXX
3A312
XXXX
3A342
XXXX
3A362
XXXX
3A382
XXXX
3A182
XXXX
3A202
XXXX
3A272
XXXX
3A2H2
XXXX
3A302
XXXX
3A332
XXXX
3A352
XXXX
3A372
XXXX
Ordering Information(contd.)
Characteristics Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com