Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML74WLBC Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML74WLBC
Description  NOR Gate (unbuffered) and Inverter (unbuffered)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74WLBC Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML74WLBC Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74WLBC Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74WLBC Datasheet HTML 3Page - Minilogic Device Corporation Limited ML74WLBC Datasheet HTML 4Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B, Sep 2005
CMOS NOR Gate And INVERTER
Operating Voltage Range : 2V ~ 5.5V
High Speed Operation
: tpd = 2.6ns TYP
Low Power Consumption : 1µ
µ
µ
µA (max)
MSOP-8A Package
■Applications
Palmtops
Digital Equipment
■
Description
ML74WLBCSRG comprises of CMOS NOR gate and INVERTER,
manufactured using silicon gate CMOS processes. The small
quiescent current, which is one of the features of the CMOS logic,
gives way to high speed operations which enables LS-TTL.
With wave forming buffers connected internally, stabilized output
can be achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8A package,
high density mounting is possible.
■
Features
High Speed Operation
: tpd = 2.6ns TYP (Vcc=5V)
Operating Voltage Range: 2V ~ 5.5V
Low Power Consumption: 1µA (max)
Small Package
: MSOP-8A
■
Pin Configuration
■
Function
NOR GATE
INPUT
OUTPUT
A
B
Y
H
H
L
H
L
L
L
H
L
L
L
H
INVERTER
INPUT
OUTPUT
A
Y
H
L
L
H
H=High level
L=Low level
■
Absolute Maximum Ratings
Ta=-40°C~85°C
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
Vcc
-0.5 ~ +6.0
V
Input voltage
VIN
-0.5 ~ +6.0
V
Output Voltage
VOUT
-0.5 ~ Vcc +0.5
V
Input Diode Current
IIK
±20
mA
Output Diode current
IOK
±20
mA
Switch Output Current
IOUT
±25
mA
Vcc, GND Current
ICC, IGND
±50
mA
Power Dissipation (Ta=25°C)
Pd
300
mW
Storage Temperature
Tstg
-65 ~ +150
°C
Note: Voltage is all Ground standardized.


Similar Part No. - ML74WLBC

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLBD MINILOGIC-ML74WLBD Datasheet
154Kb / 4P
NOR Gate (unbuffered) and AND Gate (unbuffered)
ML74WLBE MINILOGIC-ML74WLBE Datasheet
154Kb / 4P
NOR Gate (unbuffered) and OR Gate (unbuffered)
ML74WLBF MINILOGIC-ML74WLBF Datasheet
157Kb / 4P
NOR Gate (unbuffered) and Buffer
More results

Similar Description - ML74WLBC

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLAB MINILOGIC-ML74WLAB Datasheet
159Kb / 4P
NAND Gate (unbuffered) and NOR Gate (unbuffered)
ML74WLAC MINILOGIC-ML74WLAC Datasheet
155Kb / 4P
NAND Gate (unbuffered) and Inverter (unbuffered)
ML74WLAD MINILOGIC-ML74WLAD Datasheet
156Kb / 4P
NAND Gate (unbuffered) and AND Gate (unbuffered)
ML74WLAE MINILOGIC-ML74WLAE Datasheet
156Kb / 4P
NAND Gate (unbuffered) and OR Gate (unbuffered)
ML74WLBD MINILOGIC-ML74WLBD Datasheet
154Kb / 4P
NOR Gate (unbuffered) and AND Gate (unbuffered)
ML74WLBE MINILOGIC-ML74WLBE Datasheet
154Kb / 4P
NOR Gate (unbuffered) and OR Gate (unbuffered)
ML74WLBF MINILOGIC-ML74WLBF Datasheet
157Kb / 4P
NOR Gate (unbuffered) and Buffer
ML74WLCE MINILOGIC-ML74WLCE Datasheet
154Kb / 4P
Inverter (unbuffered) and OR Gate (unbuffered)
ML74WLDE MINILOGIC-ML74WLDE Datasheet
154Kb / 4P
AND Gate (unbuffered) and OR Gate (unbuffered)
logo
Diodes Incorporated
74AHC1GU04 DIODES-74AHC1GU04_11 Datasheet
178Kb / 8P
UNBUFFERED SINGLE INVERTER GATE
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com