Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6102 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML6102
Description  Positive Voltage Detector (Inverted Output)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6102 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML6102 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6102 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P2/11
Preliminary, June 2005
ML6102
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max Units
VDF = 1.1V to 1.9V
X0.97
VDF
X1.03
V
Detect Voltage
VDF
VDF = 2.0V to 7.0V
X0.98
VDF
X1.02
V
VDF = 1.1V to 2.9V
X0.04
VDF
X0.05
X0.06
V
Hysteresis Range
VHYS
VDF = 3.0V to 7.0V
X0.015 VDF X0.025 X0.035
V
VIN = 1.0V
0.8
2.0
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS
VIN = 5.0V
2.0
4.0
uA
Operating Voltage
VIN
VDF = 1.1~7.0V
0.8
10.0
V
Nch
VDS = 0.5V
VIN = 1.0V
1.0
VIN = 2.0V
3.0
VIN = 3.0V
5.0
VIN = 4.0V
11.0
VIN = 5.0V
13.0
Pch
VDS = 1.0V
VIN = 5.0V
-5.0
Output Current
IOUT
(CMOS Output)
mA
Transient Delay Time
(VDR -> VOUT Inversion)
tDLY
While VIN changes from
0.6V to 10V
0.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com