Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2011-CF Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2011-CF
Description  Light Duty Miniature Toggles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2011-CF Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2011-CF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2011-CF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2011-CF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2011-CF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2011-CF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2011-CF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (No Code or P):
3A @ 125V AC for silver contacts
Logic Level (code G or PG):
0.4VA maximum @ 28V AC/DC maximum for gold contacts
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver;
20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
20,000 operations minimum for silver;
50,000 operations minimum for gold
Angle of Throw:
25°
Materials & Finishes
Toggle:
Brass with chrome plating
Bushing:
Brass with nickel plating
Frame:
Stainless steel
Case:
Melamine phenolic resin (UL94V-0)
Movable Contacts:
Copper with silver or gold plating
Stationary Contacts:
Silver with silver or gold plating
Terminals:
Copper with silver or gold plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
1.47Nm (13 lb•in) for double nut; .686Nm (6 lb•in) for single nut
Soldering Time & Temp:
Circuits 2 & 5 Manual Soldering: 3 seconds maximum @ 350°C maximum
Wave Solder: 5 seconds maximum @ 270°C maximum.
Circuits 1, 3, 8, & 9 Manual Soldering: 4 seconds maximum @ 410°C maximum
Wave Solder: See Profile A in Supplement section.
Note: On circuits 1, 3, 8, & 9 levers must be in center or off position while soldering.
Standards & Certifications
Flammability Standards:
UL94V-0 case
UL Recognized:
All single & double pole models recognized at 3A @ 125V AC;
UL File No. WOYR2.E44145;
add “/U” to end of part number to order UL mark on switch.
CSA Certified:
Single pole, double throw solder lug & PC models certified at 3A @ 125V AC;
double pole, double throw PC models certified at 3A @ 125V AC;
CSA File No. 023535-0-000;
add “/C” to end of part number to order CSA mark on switch.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com