Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC78L05 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC78L05
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC78L05 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSC78L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC78L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC78L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC78L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC78L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 5
Elektronische Bauelemente
Electrical Characteristics
S
SC78L05 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=10V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
4.85
5.0
5.15
VO
B-Rank (5%)
4.75
-
5.25
V
Vin=10V, Io=40mA, Tj=25 :
7V Vin 20V, 1mA Io 40mA
7V Vin Vmax, 1mA Io 70mA (Note2)
-
18
75
7V Vin 20V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
10
54
mV
8V Vin 20V, Io=40mA, Tj=25 :
-
20
60
Vin=10V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
5
30
mV
Vin=10V, 1mA Io 40mA, Tj=25 :
I
Q
-
3.0
5.0
mA
Vin=10V, Io=0mA, Tj=25 :
-
-
0.1
Vin=10V, 1mA Io 40mA
I
Q
-
-
1.0
mA
8V Vin 20V, Io=40mA
Vn
-
40
-
V
10Hz f 100KHz
RR
47
62
-
dB
8V Vin 20V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
-0.65
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
S
SC78L06 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=12V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
5.82
6.0
6.18
VO
B-Rank (5%)
5.70
-
6.30
V
Vin=12V, Io=40mA, Tj=25 :
8.5V Vin 20V, 1mA Io 40mA
8.5V Vin Vmax, 1mA Io 70mA (Note2)
-
64
175
8.5V Vin 20V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
54
125
mV
9V Vin 20V, Io=40mA, Tj=25 :
-
12.8
80
Vin=12V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
5.8
40
mV
Vin=12V, 1mA Io 70mA, Tj=25 :
I
Q
-
3.9
6.0
mA
Vin=12V, Io=0mA, Tj=25 :
-
-
0.1
Vin=12V, 1mA Io 40mA
I
Q
-
-
1.5
mA
9V Vin 20V, Io=40mA
Vn
-
49
-
V
10Hz f 100KHz
RR
40
46
-
dB
10V Vin 20V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
0.75
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
S
SC78L08 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=14V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
7.76
8.0
8.24
VO
B-Rank (5%)
7.60
-
8.40
V
Vin=14V, Io=40mA, Tj=25 :
10.5V Vin 23V, 1mA Io 40mA
10.5V Vin Vmax, 1mA Io 70mA (Note2)
-
10
175
10.5V Vin 23V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
8
125
mV
11V Vin 23V, Io=40mA, Tj=25 :
-
15
80
Vin=14V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
8
40
mV
Vin=14V, 1mA Io 70mA, Tj=25 :
I
Q
-
2.0
5.5
mA
Vin=14V, Io=0mA, Tj=25 :
-
-
0.1
Vin=14V, 1mA Io 40mA
I
Q
-
-
1.5
mA
11V Vin 23V, Io=40mA
Vn
-
49
-
V
10Hz f 100KHz
RR
39
45
-
dB
11V Vin 21V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
0.75
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SSC78LXX
Positive Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com