Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2127 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2127
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2127 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSC2127 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2127 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2127 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2127 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2127 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2127 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01-Jun-2002 Rev. A
Page
3 of 6
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SSC2127-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
7B152
1.5V
XXXX
Ordering Information(contd.)
SSC2127-25
7B252
2.5V
XXXX
SSC2127-18
7B182
1.8V
XXXX
SSC2127-33
7B332
3.3V
XXXX
Detailed Description
The SSC2127 of COMS regulators contain a PMOS pass transistor,voltage reference, error amplifier,over-current protection and thermal
shutdown.The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection circuits.
During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal shutdown circuits
become active when the junction temperature exceeds140 C, or the current exceeds 2.2A.During thermal shutdown, the output voltage
remains low. Normal operation is restored when the junction temperature drops below 120 C.The SSC2127 behaves like a current
source when the load reaches 2.2A. However, if the load impedance drops below 0.3
, the current drops back to 600mA to prevent
excessive power dissipation. Normal operation is restored when the load resistance exceeds of 0.75
.
o
o
External Capacitors
The SSC2127 is stable with an output capacitance to ground of 4.7uF or greater. Ceramic capacitors have the lowest ESR, and will
offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC
response. Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1uF ceramic
capacitor with a 10uF Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is
recommended between the input and ground to stabilize VIN.
The input capacitor should be at least 0.1uF to have a beneficial
effect. All capacitors should be placed in closed proximity to the pins. A "Quiet" ground termination is desirable. This can be
achieved with a "Star" connection.
Enable
When EN pin is pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered down. In this state, the quiescent
current is less than 2uA. This pin behaves much like an electronic switch. 100K resistor is necessary between VEN
source and EN
pin when VEN is high than VIN. (Note: There is no internal pull-up for EN pin. It can not be floating.)
Ω
Power Good
The SSC2127 includes the Power Good feature. When the output in not within
15% of the specified voltage, it pulls low. This can
occur under the following conditions:
1. Input voltage too low.
2. During over-temperature.
3. During over-current.
4. If output is pulled up.
( Note: PG pin is an open-drain output.)
SSC2127
750mA CMOS
Positive Voltage Regulator
Ω
Ω
±



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com