Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS06 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS06
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS06 Datasheet(HTML) 1 Page - Texas Instruments

  SN54LS06 Datasheet HTML 1Page - Texas Instruments SN54LS06 Datasheet HTML 2Page - Texas Instruments SN54LS06 Datasheet HTML 3Page - Texas Instruments SN54LS06 Datasheet HTML 4Page - Texas Instruments SN54LS06 Datasheet HTML 5Page - Texas Instruments SN54LS06 Datasheet HTML 6Page - Texas Instruments SN54LS06 Datasheet HTML 7Page - Texas Instruments SN54LS06 Datasheet HTML 8Page - Texas Instruments SN54LS06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54LS06, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS020E − MAY 1990 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Driver for Indicator Lamps
and Relays
D Inputs Fully Compatible With Most TTL
Circuits
description/ordering information
These
hex
inverter
buffers/drivers
feature
high-voltage open-collector outputs to interface
with high-level circuits (such as MOS), or for
driving
high-current
loads,
and
also
are
characterized for use as inverter buffers for driving
TTL inputs. The ’LS06 devices have a rated output
voltage of 30 V, and the SN74LS16 has a rated
output voltage of 15 V. The maximum sink current
for the SN54LS06 is 30 mA, and for the
SN74LS06 and SN74LS16 it is 40 mA.
These devices are compatible with most TTL
families. Inputs are diode-clamped to minimize
transmission effects, which simplifies design.
Typical power dissipation is 175 mW, and average
propagation delay time is 8 ns.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74LS06N
SN74LS06N
SOIC − D
Tube
SN74LS06D
LS06
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS06DR
LS06
0 C to 70 C
SOP − NS
Tape and reel
SN74LS06NSR
74LS06
SSOP − DB
Tape and reel
SN74LS06DBR
LS06
CDIP − J
Tube
SN54LS06J
SN54LS06J
−55
°C to 125°C
CDIP − J
Tube
SNJ54LS06J
SNJ54LS06J
−55 C to 125 C
LCCC − FK
Tube
SNJ54LS06FK
SNJ54LS06FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
The SN74LS16 is obsolete
and is no longer supplied.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LS06 . . . J PACKAGE
SN74LS06, SN74LS16 . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
SN54LS06 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54LS06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS06 TI-SN54LS06 Datasheet
584Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
SN54LS06 TI-SN54LS06 Datasheet
91Kb / 4P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
SN54LS06 TI-SN54LS06 Datasheet
614Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS06J TI-SN54LS06J Datasheet
584Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
SN54LS06J TI-SN54LS06J Datasheet
614Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

Similar Description - SN54LS06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5406 TI-SN5406 Datasheet
140Kb / 7P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5407 TI-SN5407 Datasheet
80Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5406 TI-SN5406_09 Datasheet
614Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7416J TI-SN7416J Datasheet
1Mb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com