Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS0408FP4-R Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0408FP4-R
Description  Ultra-Miniature SMT DIP Slides
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0408FP4-R Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0408FP4-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0408FP4-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0408FP4-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0408FP4-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0408FP4-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JS0408FP4-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature SMT DIP Slides
Series JS
PACKAGING (CONTINUED)
(2.7)
1.06
(0.3)
.012
(6.6)
.260
5
°
Direction of Feed
(1.5) Dia Typ
.059
(1.5) Dia Typ
.059
(4.0) Typ
.157
(12.0) Typ
.472
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(8.7)
.343
(4.0)
.157
(2.3)
.091
Direction of Feed
(1.5) Dia Typ
.059
(1.5) Dia Typ
.059
(4.0) Typ
.157
(12.0) Typ
.472
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(8.7)
.343
(4.0)
.157
(2.3)
.091
(2.7)
1.06
(0.3)
.012
(11.7)
.461
5
°
(80.0) Dia
3.150
(30.4) Max
1.197
(24.4)
.961
R
Typ
(2.0)
.079
(10.5)
.413
Typ
(6.5)
.256
(330.0)
13.0
Overall Dia
Reel Dimensions for JS0404FP4-R & JS0408FP4-R
Tape Dimensions for JS0408FP4-R
Tape Dimensions for JS0404FP4-R
Tape-Reel Packaging for Flush Actuator
Switches are packaged in OFF position.
Switches are not available in bulk and must
be ordered in the following increments:
JS0404FP4-R: 2,000 pieces per tape-reel
JS0408FP4-R: 2,000 pieces per tape-reel
Minimum Leader Length: 15.75” (400mm)
Minimum Trailer Length:
6.3” (160mm)
Tape-reel packaging meets EIA-481-2 Standard.
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com