Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2128 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2128
Description  CMOS Low Dropout Voltage Regulat or
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2128 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSC2128 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2128 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2128 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2128 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2128 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2128 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PSRR
eN
_
_
_
Output Voltage Noise
75
55
30
_
_
_
dB
uVrms
f=10kHz
Io=100mA
Co=4.7uF
f=10Hz~100kHz
Io=10mA
Power Supply Rejection
VEH
IEH
ISD
0.1
_
_
_
_
EN Input Threshold
2
0
0.5
0.5
2
_
uA
V
VIN=7V
VIN=5V,VOUT=0V,VEN=0V
Shutdown Supply Current
VEL
_
VIN
0.4
EN Input Bias Current
IEL
_
VEN=0V,VIN= 7V
uA
( c e r a m ic )
CO=4.7uF
ISC
_
_
Short Circuit Current
750
20
_
mA
VOUT<0.4V
f=1kHz
_
TC
150
Note
V
_
_
_
_
_
_
Input Voltage
Over Temperature Shutdown
Over Temperature Hystersis
Output Voltage
Temperature Coefficient
VIN
OTS
OTH
3
7
30
30
_
C
o
C
o
ppm/ C
o
-0.4
0.4
4.0V V (T)
OUT
REGLINE
Line Regulation
I
45
0.02
0.1
A
%
Io=0mA
_
70
-0.15
-0.1
0.15
Io=1mA
VIN=VOUT(T)+1
to
VOUT(T)+2
VOUT(T)< 2.0V
2.0V VOUT(T)<4.0V
Quiescent Current
Q
1
1300
u
_
Vo=V
%
mV
_
_
_
_
800
600
OUT
Parameter
Symbol
Max.
Typ.
Condition
Min.
Unit
Output Voltage
Output Current
Current Limit
Dropout Voltage
VOUT
IO
ILIM
VDROPOUT
-1.5%
1.5
-1
V
A
VEN=VEHmin,IO=1mA
VOUT>1.2V
_
_
_
_
1
(E)
VOUT
2
(T)
1.5%
A
Load Regulation
REGLOAD
0.2
IO=1mA~1.5A
VOUT(T) 2.0V
_
Io=750mA
(E)-2%
Electrical Characteristics Ta=25
unless otherwise noted
oC
2
VOUT(T)
2.8V<
_
(VIN=VOUT(T)+2V,VEN=VIN )
1.5
VOUT>1.2V
1.5V<
VOUT(T) 2.8V
2.0V<
.
Ground Pin Cruuent
IGND
45
_
_
A
u
IO=1mA~1.5A
_
50
_
f=10kHz
f=1kHz
Io=100mA
Co=4.7uF(ceramic)
CBYP=0.01uF
CBYP=0.01uF
CBYP=0uF
http://www.SeCoSGmbH.com/
oC)
Power Dissipation (
Input Voltage
Output Current
Output Voltage
Operating Ambient Temperature
Junction Temperature
Parameter
Symbol
Ratings
Unit
V
A
V
C
mW
VIN
IOUT
Tj Max.
8
PD/(VIN-VO)
-40~+125
1.5~5.0
-40~+85
810
o
Max. Junction Temperature
T=100
Thermal Resistance
VOUT
Topr
Tj
PD
150
C
o
C
o
Absolute Maximum Ratings
EDS Classification
B
θjc
40
C
o /W
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 6
SSC2128
CMOS Low Dropout
Voltage Regulator
Note 1: VOUT (E) =Effective Output Voltage (i e. the output voltage when "VOUT (T) +2.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com